Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1412NCPA Datasheet(PDF) 11 Page - Microchip Technology

Part # TC1412NCPA
Description  2A High-Speed MOSFET Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1412NCPA Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC1412NCPA Datasheet HTML 7Page - Microchip Technology TC1412NCPA Datasheet HTML 8Page - Microchip Technology TC1412NCPA Datasheet HTML 9Page - Microchip Technology TC1412NCPA Datasheet HTML 10Page - Microchip Technology TC1412NCPA Datasheet HTML 11Page - Microchip Technology TC1412NCPA Datasheet HTML 12Page - Microchip Technology TC1412NCPA Datasheet HTML 13Page - Microchip Technology TC1412NCPA Datasheet HTML 14Page - Microchip Technology TC1412NCPA Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
 2001-2015 Microchip Technology Inc.
DS20001391E-page 11
TC1412/TC1412N
B
A
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Microchip Technology Drawing No. C04-018D Sheet 1 of 2
eB
E
A
A1
A2
L
8X b
8X b1
D
E1
c
C
.010
C
12
N
NOTE 1
TOP VIEW
END VIEW
SIDE VIEW
e


Similar Part No. - TC1412NCPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1412NCPA TELCOM-TC1412NCPA Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412NCPA MICROCHIP-TC1412NCPA Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
TC1412NCPA MICROCHIP-TC1412NCPA Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
More results

Similar Description - TC1412NCPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412NEOA713 MICROCHIP-TC1412NEOA713 Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
   2A High-Speed MOSFET Drivers
2003
TC1412 MICROCHIP-TC1412_13 Datasheet
261Kb / 18P
   2A High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1412 MICROCHIP-TC1412 Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062_07 Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
MAX15012 MAXIM-MAX15012_07 Datasheet
372Kb / 18P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com