Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1412NCPA Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1412NCPA
Description  2A High-Speed MOSFET Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1412NCPA Datasheet(HTML) 1 Page - Microchip Technology

  TC1412NCPA Datasheet HTML 1Page - Microchip Technology TC1412NCPA Datasheet HTML 2Page - Microchip Technology TC1412NCPA Datasheet HTML 3Page - Microchip Technology TC1412NCPA Datasheet HTML 4Page - Microchip Technology TC1412NCPA Datasheet HTML 5Page - Microchip Technology TC1412NCPA Datasheet HTML 6Page - Microchip Technology TC1412NCPA Datasheet HTML 7Page - Microchip Technology TC1412NCPA Datasheet HTML 8Page - Microchip Technology TC1412NCPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2001-2015 Microchip Technology Inc.
DS20001391E-page 1
TC1412/TC1412N
Features
• Latch-Up Protected: Withstands 500 mA Reverse
Current
• Input Withstands Negative Inputs Up to 5V
• Electrostatic Discharge (ESD) Protected: 2.0 kV
(HBM) and 400V (MM)
• High Peak Output Current: 2A
• Wide Input Supply Voltage Operating Range:
- 4.5V to 16V
• High Capacitive Load Drive Capability:
- 1000 pF in 18 ns
• Short Delay Time: 35 ns typical
• Matched Delay Times
• Low Supply Current:
- With Logic ‘1’ Input: 500 µA
- With Logic ‘0’ Input: 100 µA
• Low Output Impedance: 4
• Available in Space-Saving 8-pin MSOP Package
• Pinout – same as TC1410/TC1411/TC1413
Applications
• Switch Mode Power Supplies
• Pulse Transformer Drive
• Line Drivers
• Relay Driver
General Description
The TC1412/TC1412N are 2A CMOS buffers/drivers.
They do not latch up under any conditions within their
power and voltage ratings. They are not subject to
damage when up to 5V of noise spiking of either
polarity occurs on the ground pin. They can accept,
without damage or logic upset, up to 500 mA of current
of either polarity being forced back into their output. All
terminals are fully protected against electrostatic
discharge (ESD) up to 2.0 kV (HBM) and 400V (MM).
As MOSFET drivers, the TC1412/TC1412N can easily
charge a 1000 pF gate capacitance in 18 ns with
matched rise and fall times. To ensure that the
MOSFET’s intended state will not be affected even by
large transients, low enough impedance in both the ‘On’
and ‘Off’ states are provided. The leading and trailing
edge propagation delay times are also matched to allow
driving short-duration inputs with greater accuracy.
Package Type
2
6,7
Inverting
8-Pin MSOP/PDIP/SOIC
1
2
3
4
VDD
5
6
7
8
OUT
GND
VDD
IN
NC
GND
OUT
TC1412
NC = No Internal Connection
2
6,7
Non-Inverting
1
2
3
45
6
7
8
TC1412N
VDD
IN
NC
GND
VDD
OUT
GND
OUT
Note:
For proper operation, duplicate pins
must be connected together.
2A High-Speed MOSFET Drivers


Similar Part No. - TC1412NCPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1412NCPA TELCOM-TC1412NCPA Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412NCPA MICROCHIP-TC1412NCPA Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
TC1412NCPA MICROCHIP-TC1412NCPA Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
More results

Similar Description - TC1412NCPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412NEOA713 MICROCHIP-TC1412NEOA713 Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
   2A High-Speed MOSFET Drivers
2003
TC1412 MICROCHIP-TC1412_13 Datasheet
261Kb / 18P
   2A High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1412 MICROCHIP-TC1412 Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062_07 Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
MAX15012 MAXIM-MAX15012_07 Datasheet
372Kb / 18P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com