Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1412NCPA Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1412NCPA
Description  2A High-Speed MOSFET Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1412NCPA Datasheet(HTML) 3 Page - Microchip Technology

  TC1412NCPA Datasheet HTML 1Page - Microchip Technology TC1412NCPA Datasheet HTML 2Page - Microchip Technology TC1412NCPA Datasheet HTML 3Page - Microchip Technology TC1412NCPA Datasheet HTML 4Page - Microchip Technology TC1412NCPA Datasheet HTML 5Page - Microchip Technology TC1412NCPA Datasheet HTML 6Page - Microchip Technology TC1412NCPA Datasheet HTML 7Page - Microchip Technology TC1412NCPA Datasheet HTML 8Page - Microchip Technology TC1412NCPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2001-2015 Microchip Technology Inc.
DS20001391E-page 3
TC1412/TC1412N
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage .....................................................+20V
Input Voltage ...................... VDD + 0.3V to GND – 5.0V
Power Dissipation (TA  70°C)
MSOP .......................................................... 340 mW
PDIP ............................................................ 730 mW
SOIC............................................................ 470 mW
Storage Temperature Range.............. -65°C to +150°C
Maximum Junction Temperature...................... +150ºC
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, TA = +25°C, with 4.5V  VDD  16V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.0
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
-1.0
1.0
µA
0V
 VIN  VDD, TA =+25°C
-10
10
-40°C
 TA  +85°C
Output
High Output Voltage
VOH
VDD – 0.025
V
DC Test
Low Output Voltage
VOL
0.025
V
DC Test
Output Resistance
RO
—4
6
VDD =16V, IO =10mA,
TA = +25°C
—5
7
0°C
 TA  +70°C
—5
7
-40°C
 TA  +85°C
Peak Output Current
IPK
—2.0
A
VDD =16V
Latch-Up Protection
Withstand Reverse Current
IREV
0.5
A
Duty cycle
 2%, t  300 µs,
VDD =16V
Switching Time (Note 1)
Rise Time
tR
—18
26
ns
TA = +25°C
—20
31
0°C
 TA  +70°C
—22
31
-40°C
 TA  +85°C, Figure 4-1
Fall Time
tF
—18
26
ns
TA = +25°C
—20
31
0°C
 TA  +70°C
—22
31
-40°C
 TA  +85°C, Figure 4-1
Delay Time
tD1
—35
45
ns
TA = +25°C
—40
50
0°C
 TA  +70°C
—40
50
-40°C
 TA  +85°C, Figure 4-1
Delay Time
tD2
—35
45
ns
TA = +25°C
—40
50
0°C
 TA  +70°C
—40
50
-40°C
 TA  +85°C, Figure 4-1
Note 1:Switching times ensured by design.


Similar Part No. - TC1412NCPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1412NCPA TELCOM-TC1412NCPA Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412NCPA MICROCHIP-TC1412NCPA Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
TC1412NCPA MICROCHIP-TC1412NCPA Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
More results

Similar Description - TC1412NCPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412NEOA713 MICROCHIP-TC1412NEOA713 Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
   2A High-Speed MOSFET Drivers
2003
TC1412 MICROCHIP-TC1412_13 Datasheet
261Kb / 18P
   2A High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1412 MICROCHIP-TC1412 Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062_07 Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
MAX15012 MAXIM-MAX15012_07 Datasheet
372Kb / 18P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com