Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1413NEUA713 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1413NEUA713
Description  3A High-Speed MOSFET Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1413NEUA713 Datasheet(HTML) 1 Page - Microchip Technology

  TC1413NEUA713 Datasheet HTML 1Page - Microchip Technology TC1413NEUA713 Datasheet HTML 2Page - Microchip Technology TC1413NEUA713 Datasheet HTML 3Page - Microchip Technology TC1413NEUA713 Datasheet HTML 4Page - Microchip Technology TC1413NEUA713 Datasheet HTML 5Page - Microchip Technology TC1413NEUA713 Datasheet HTML 6Page - Microchip Technology TC1413NEUA713 Datasheet HTML 7Page - Microchip Technology TC1413NEUA713 Datasheet HTML 8Page - Microchip Technology TC1413NEUA713 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2001-2015 Microchip Technology Inc.
DS20001392E-page 1
TC1413/TC1413N
Features
• Latch-Up Protected: Withstands 500 mA Reverse
Current
• Input Withstands Negative Inputs Up to 5V
• Electrostatic Discharge (ESD) Protected: 2.0 kV
(HBM) and 400V (MM)
• High Peak Output Current: 3A
• Wide Input Supply Voltage Operating Range:
- 4.5V to 16V
• High Capacitive Load Drive Capability:
- 1800 pF in 20 ns
• Short Delay Time: 35 ns typical
• Matched Delay Times
• Low Supply Current
- With Logic ‘1’ Input: 500 µA
- With Logic ‘0’ Input: 100 µA
• Low Output Impedance: 2.7
• Available in Space-Saving 8-pin MSOP Package
• Pinout - same as TC1410/TC1411/TC1412
Applications
• Switch Mode Power Supplies
• Line Drivers
• Pulse Transformer Drive
• Relay Driver
General Description
The TC1413/TC1413N are 3A CMOS buffers/drivers.
They do not latch up under any conditions within their
power and voltage ratings. They are not subject to
damage when up to 5V of noise spiking of either
polarity occurs on the ground pin. They can accept,
without damage or logic upset, up to 500 mA of current
of either polarity being forced back into their output. All
terminals are fully protected against electrostatic
discharge (ESD) up to 2.0 kV (HBM) and 400V (MM).
As MOSFET drivers, the TC1413/TC1413N can easily
charge a 1800 pF gate capacitance in 20 ns with
matched rise and fall times. To ensure the MOSFET’s
intended state will not be affected even by large
transients, low enough impedance in both the ‘On’ and
‘Off’ states are provided. The leading and trailing edge
propagation delay times are also matched to allow
driving short-duration inputs with greater accuracy.
Package Type
2
6,7
Inverting
8-Pin MSOP/PDIP/SOIC
1
2
3
4
VDD
5
6
7
8
OUT
GND
VDD
IN
NC
GND
OUT
TC1413
NC = No Internal Connection
2
6,7
Non-Inverting
1
2
3
45
6
7
8
TC1413N
VDD
IN
NC
GND
VDD
OUT
GND
OUT
Note:
For proper operation, duplicate pins
must be connected together.
3A High-Speed MOSFET Drivers


Similar Part No. - TC1413NEUA713

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1413NEUA MICROCHIP-TC1413NEUA Datasheet
262Kb / 18P
   3A High-Speed MOSFET Drivers
2001-2012 11/27/12
More results

Similar Description - TC1413NEUA713

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1413 TELCOM-TC1413 Datasheet
68Kb / 5P
   3A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1413 MICROCHIP-TC1413_03 Datasheet
345Kb / 16P
   3A High-Speed MOSFET Drivers
2003
TC1413 MICROCHIP-TC1413 Datasheet
439Kb / 14P
   3A High-Speed MOSFET Drivers
2002
TC1413 MICROCHIP-TC1413_13 Datasheet
262Kb / 18P
   3A High-Speed MOSFET Drivers
2001-2012 11/27/12
logo
ON Semiconductor
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com