Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF6402B Datasheet(PDF) 11 Page - Microchip Technology

Part # SST39VF6402B
Description  64 Mbit (x16) Multi-Purpose Flash Plus
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF6402B Datasheet(HTML) 11 Page - Microchip Technology

Back Button SST39VF6402B Datasheet HTML 7Page - Microchip Technology SST39VF6402B Datasheet HTML 8Page - Microchip Technology SST39VF6402B Datasheet HTML 9Page - Microchip Technology SST39VF6402B Datasheet HTML 10Page - Microchip Technology SST39VF6402B Datasheet HTML 11Page - Microchip Technology SST39VF6402B Datasheet HTML 12Page - Microchip Technology SST39VF6402B Datasheet HTML 13Page - Microchip Technology SST39VF6402B Datasheet HTML 14Page - Microchip Technology SST39VF6402B Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
©2015
DS20005008B
08/15
11
64 Mbit Multi-Purpose Flash Plus
SST39VF6401B / SST39VF6402B
Not Recommended for New Designs
Product Identification
The Product Identification mode identifies the devices as the SST39VF6401B and SST39VF6402B,
and the manufacturer as SST. This mode may be accessed through software operations. Users may
use the Software Product Identification operation to identify the part (i.e., using the device ID) when
using multiple manufacturers in the same socket. For details, see Table 6 for software operation, Figure
11 for the Software ID Entry and Read timing diagram and Figure 21 for the Software ID Entry com-
mand sequence flowchart.
Product Identification Mode Exit/CFI Mode Exit
In order to return to the standard Read mode, the Software Product Identification mode must be exited.
Exit is accomplished by issuing the Software ID Exit command sequence, which returns the device to
the Read mode. This command may also be used to reset the device to the Read mode after any inad-
vertent transient condition that apparently causes the device to behave abnormally, e.g., not read cor-
rectly. Please note that the Software ID Exit/CFI Exit command is ignored during an internal Program
or Erase operation. See Table 6 for software command codes, Figure 13 for timing waveform, and Fig-
ures 21 and 22 for flowcharts.
Table 4: Product Identification
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST39VF6401B
0001H
236DH
SST39VF6402B
0001H
236CH
T4.0 25008


Similar Part No. - SST39VF6402B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF6402B SST-SST39VF6402B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6402B MICROCHIP-SST39VF6402B Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
logo
Silicon Storage Technol...
SST39VF6402B-70-4C-B1K SST-SST39VF6402B-70-4C-B1K Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6402B-70-4C-B1KE SST-SST39VF6402B-70-4C-B1KE Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6402B-70-4C-B1KE MICROCHIP-SST39VF6402B-70-4C-B1KE Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
More results

Similar Description - SST39VF6402B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST38VF6401B MICROCHIP-SST38VF6401B_V01 Datasheet
1Mb / 56P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6401 MICROCHIP-SST38VF6401_V01 Datasheet
7Mb / 66P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Revision D Sept 2018
SST38VF6401B MICROCHIP-SST38VF6401B Datasheet
713Kb / 58P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
SST38VF6401 MICROCHIP-SST38VF6401 Datasheet
793Kb / 64P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com