Electronic Components Datasheet Search |
|
TC1413NEUA Datasheet(PDF) 3 Page - Microchip Technology |
|
TC1413NEUA Datasheet(HTML) 3 Page - Microchip Technology |
3 / 24 page 2001-2015 Microchip Technology Inc. DS20001392E-page 3 TC1413/TC1413N 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings† Supply Voltage .....................................................+20V Input Voltage ...................... VDD + 0.3V to GND – 5.0V Power Dissipation (TA 70°C) MSOP .......................................................... 340 mW PDIP ............................................................ 730 mW SOIC............................................................ 470 mW Storage Temperature Range.............. -65°C to +150°C Maximum Junction Temperature...................... +150ºC † Notice: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. DC ELECTRICAL CHARACTERISTICS Electrical Specifications: Unless otherwise noted, TA = +25°C, with 4.5V VDD 16V. Parameters Sym. Min. Typ. Max. Units Conditions Input Logic ‘1’, High Input Voltage VIH 2.0 — — V Logic ‘0’, Low Input Voltage VIL —— 0.8 V Input Current IIN -1.0 — 1.0 µA 0V VIN VDD, TA =+25°C -10 — 10 -40°C TA +85°C Output High Output Voltage VOH VDD – 0.025 — — V DC Test Low Output Voltage VOL — — 0.025 V DC Test Output Resistance RO —2.7 4.0 VDD =16V, IO =10 mA, TA =+25°C —3.3 5.0 0°C TA +70°C — 3.3 5.0 -40°C TA +85°C Peak Output Current IPK —3.0 — A VDD =16V Latch-Up Protection Withstand Reverse Current IREV — 0.5 — A Duty cycle 2%, t 300 µs, VDD =16V Switching Time (Note 1) Rise Time tR —20 28 ns TA =+25°C —22 33 0°C TA +70°C — 24 33 -40°C TA +85°C, Figure 4-1 Fall Time tF —20 28 ns TA =+25°C —22 33 0°C TA +70°C — 24 33 -40°C TA +85°C, Figure 4-1 Delay Time tD1 —35 45 ns TA =+25°C, —40 50 0°C TA +70°C — 40 50 -40°C TA +85°C, Figure 4-1 Delay Time tD2 —35 45 ns TA =+25°C —40 50 0°C TA +70°C — 40 50 -40°C TA +85°C, Figure 4-1 Power Supply Power Supply Current IS —0.5 1.0 mA VIN =3V, VDD = 16V — 0.1 0.15 VIN =0V Note 1: Switching times ensured by design. |
Similar Part No. - TC1413NEUA |
|
Similar Description - TC1413NEUA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |