Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1232EOA713 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1232EOA713
Description  Microprocessor Monitor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1232EOA713 Datasheet(HTML) 2 Page - Microchip Technology

  TC1232EOA713 Datasheet HTML 1Page - Microchip Technology TC1232EOA713 Datasheet HTML 2Page - Microchip Technology TC1232EOA713 Datasheet HTML 3Page - Microchip Technology TC1232EOA713 Datasheet HTML 4Page - Microchip Technology TC1232EOA713 Datasheet HTML 5Page - Microchip Technology TC1232EOA713 Datasheet HTML 6Page - Microchip Technology TC1232EOA713 Datasheet HTML 7Page - Microchip Technology TC1232EOA713 Datasheet HTML 8Page - Microchip Technology TC1232EOA713 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TC1232
DS20001370E-page 2
 2002-2014 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Voltage on Any Pin (With Respect to GND)
...................................................... -0.3V to +5.8V
Operating Temperature Range:
C-Version ........................................ 0°C to +70°C
E-Version...................................... -40°C to +85°C
Storage Temperature Range: ............-65°C to +150°C
† Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, TA = TMIN to TMAX; VCC = +4.0V to 5.5V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage
VCC
4.0
5.0
5.5
V
ST and PB RST Input High Level
VIH
2.0
VCC +0.3
V
Note 1
ST and PB RST Input Low Level
VIL
-0.3
+0.8
V
Input Leakage ST, TOL
IL
-1.0
+1.0
µA
Output Current RST
IOH
-1.0
-12
mA
VOH = 2.4V
Current RST, RST
IOL
2.0
10
mA
VOL = 0.4V
Operating Current
ICC
50
200
µA
Note 2
VCC 5% Trip Point
VCCTP
4.50
4.62
4.74
V
TOL = GND (Note 3)
VCC 10% Trip Point
VCCTP
4.25
4.37
4.49
V
TOL = VCC (Note 3)
Capacitance Electrical Characteristics: Unless otherwise noted, TA = +25°C. (Note 4)
Input Capacitance ST, TOL
CIN
——
5
pF
Output Capacitance RST, RST
COUT
——
7
pF
Note 1:
PB RST is internally pulled up to VCC with an internal impedance of typically 40 k.
2:
Measured with outputs open.
3:
All voltages referenced to GND.
4:
Ensured by design.


Similar Part No. - TC1232EOA713

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1232EOA713 MICROCHIP-TC1232EOA713 Datasheet
282Kb / 20P
   Microprocessor Monitor
2002-2012 10/26/12
More results

Similar Description - TC1232EOA713

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
   Microprocessor Monitor
2005
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
   Microprocessor Monitor
May, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TC1232 TELCOM-TC1232 Datasheet
65Kb / 6P
   MICROPROCESSOR MONITOR
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_13 Datasheet
282Kb / 20P
   Microprocessor Monitor
2002-2012 10/26/12
logo
California Micro Device...
CM1232 CALMIRCO-CM1232 Datasheet
171Kb / 4P
   CMOS MICROPROCESSOR MONITOR CIRCUIT
logo
Maxim Integrated Produc...
ICL7665CPA MAXIM-ICL7665CPA Datasheet
114Kb / 12P
   Microprocessor Voltage Monitor with
19-0001; Rev 2; 8/97
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
logo
Maxim Integrated Produc...
MAX1232 MAXIM-MAX1232 Datasheet
174Kb / 6P
   MAX 1232 Microprocessor Monitor
19-3899; Rev 1; 2/91
logo
List of Unclassifed Man...
MTV003 ETC-MTV003 Datasheet
224Kb / 13P
   Microprocessor Compatible Monitor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com