Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC14584B Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MC14584B
Description  Hex Schmitt Trigger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14584B Datasheet(HTML) 3 Page - ON Semiconductor

  MC14584B_14 Datasheet HTML 1Page - ON Semiconductor MC14584B_14 Datasheet HTML 2Page - ON Semiconductor MC14584B_14 Datasheet HTML 3Page - ON Semiconductor MC14584B_14 Datasheet HTML 4Page - ON Semiconductor MC14584B_14 Datasheet HTML 5Page - ON Semiconductor MC14584B_14 Datasheet HTML 6Page - ON Semiconductor MC14584B_14 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC14584B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
− 55
_C
25
_C
125
_C
Unit
Min
Max
Min
Typ (2)
Max
Min
Max
Output Voltage
“0” Level
Vin = VDD
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
Vin = 0
“1” Level
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
– 3.0
– 0.64
– 1.6
– 4.2
– 2.4
– 0.51
– 1.3
– 3.4
– 4.2
– 0.88
– 2.25
– 8.8
– 1.7
– 0.36
– 0.9
– 2.4
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
±0.1
±0.00001
±0.1
±1.0
mAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
0.25
0.5
1.0
0.0005
0.0010
0.0015
0.25
0.5
1.0
7.5
15
30
mAdc
Total Supply Current (3) (4)
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (1.8 mA/kHz) f + IDD
IT = (3.6 mA/kHz) f + IDD
IT = (5.4 mA/kHz) f + IDD
mAdc
Hysteresis Voltage
VH (5)
5.0
10
15
0.27
0.36
0.77
1.0
1.3
1.7
0.25
0.3
0.6
0.6
0.7
1.1
1.0
1.2
1.5
0.21
0.25
0.50
1.0
1.2
1.4
Vdc
Threshold Voltage
Positive−Going
VT+
5.0
10
15
1.9
3.4
5.2
3.5
7.0
10.6
1.8
3.3
5.2
2.7
5.3
8.0
3.4
6.9
10.5
1.7
3.2
5.2
3.4
6.9
10.5
Vdc
Negative−Going
VT–
5.0
10
15
1.6
3.0
4.5
3.3
6.7
9.7
1.6
3.0
4.6
2.1
4.6
6.9
3.2
6.7
9.8
1.5
3.0
4.7
3.2
6.7
9.9
Vdc
2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
3. The formulas given are for the typical characteristics only at 25
_C.
4. To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in mA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.001.
5. VH = VT+ – VT– (But maximum variation of VH is specified as less than VT + max – VT – min).
SWITCHING CHARACTERISTICS (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ (6)
Max
Unit
Output Rise Time
tTLH
5.0
10
15
100
50
40
200
100
80
ns
Output Fall Time
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
tPLH, tPHL
5.0
10
15
125
50
40
250
100
80
ns
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn