Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14584B Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC14584B
Description  Hex Schmitt Trigger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14584B Datasheet(HTML) 5 Page - ON Semiconductor

  MC14584B_14 Datasheet HTML 1Page - ON Semiconductor MC14584B_14 Datasheet HTML 2Page - ON Semiconductor MC14584B_14 Datasheet HTML 3Page - ON Semiconductor MC14584B_14 Datasheet HTML 4Page - ON Semiconductor MC14584B_14 Datasheet HTML 5Page - ON Semiconductor MC14584B_14 Datasheet HTML 6Page - ON Semiconductor MC14584B_14 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC14584B
http://onsemi.com
5
PACKAGE DIMENSIONS
SOIC−14 NB
CASE 751A−03
ISSUE K
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE PROTRUSION
SHALL BE 0.13 TOTAL IN EXCESS OF AT
MAXIMUM MATERIAL CONDITION.
4. DIMENSIONS D AND E DO NOT INCLUDE
MOLD PROTRUSIONS.
5. MAXIMUM MOLD PROTRUSION 0.15 PER
SIDE.
H
14
8
7
1
M
0.25
B M
C
h
X 45
SEATING
PLANE
A1
A
M
_
S
A
M
0.25
B S
C
b
13X
B
A
E
D
e
DETAIL A
L
A3
DETAIL A
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
D
8.55
8.75
0.337
0.344
E
3.80
4.00
0.150
0.157
A
1.35
1.75
0.054
0.068
b
0.35
0.49
0.014
0.019
L
0.40
1.25
0.016
0.049
e
1.27 BSC
0.050 BSC
A3
0.19
0.25
0.008
0.010
A1
0.10
0.25
0.004
0.010
M
0
7
0
7
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.019
__
__
6.50
14X
0.58
14X
1.18
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT*
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - MC14584B_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14584BCP ONSEMI-MC14584BCP Datasheet
163Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
MC14584BCP ONSEMI-MC14584BCP Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14584BCPG ONSEMI-MC14584BCPG Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14584BD ONSEMI-MC14584BD Datasheet
163Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
MC14584BD ONSEMI-MC14584BD Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
More results

Similar Description - MC14584B_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B Datasheet
163Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
MC14106B ONSEMI-MC14106B_14 Datasheet
126Kb / 8P
   Hex Schmitt Trigger
August, 2014 ??Rev. 10
logo
Fairchild Semiconductor
MM74C14 FAIRCHILD-MM74C14 Datasheet
63Kb / 6P
   Hex Schmitt Trigger
MM74C14MX FAIRCHILD-MM74C14MX Datasheet
69Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_06 Datasheet
152Kb / 10P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14106B ONSEMI-MC14106B Datasheet
182Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
logo
Rohm
BU4584B ROHM-BU4584B Datasheet
46Kb / 4P
   Hex Schmitt trigger
logo
National Semiconductor ...
CD40106BM NSC-CD40106BM Datasheet
134Kb / 6P
   Hex Schmitt Trigger
MM54C14 NSC-MM54C14 Datasheet
124Kb / 6P
   Hex Schmitt Trigger
logo
Fairchild Semiconductor
CD40106BC FAIRCHILD-CD40106BC_03 Datasheet
71Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B_06 Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com