Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP202KP Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DSP202KP
Description  DSP-Compatible Single/Dual DIGITAL-TO-ANALOG CONVERTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DSP202KP Datasheet(HTML) 3 Page - Burr-Brown (TI)

  DSP202KP Datasheet HTML 1Page - Burr-Brown (TI) DSP202KP Datasheet HTML 2Page - Burr-Brown (TI) DSP202KP Datasheet HTML 3Page - Burr-Brown (TI) DSP202KP Datasheet HTML 4Page - Burr-Brown (TI) DSP202KP Datasheet HTML 5Page - Burr-Brown (TI) DSP202KP Datasheet HTML 6Page - Burr-Brown (TI) DSP202KP Datasheet HTML 7Page - Burr-Brown (TI) DSP202KP Datasheet HTML 8Page - Burr-Brown (TI) DSP202KP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
®
DSP201/202
3
BIPOLAR ZERO ERROR AND GAIN ERROR
vs TEMPERATURE
Ambient Temperature (°C)
10
5
0
–5
–10
–50
–25
0
25
50
75
100
0.3
0.2
0.1
0
–0.1
Gain Error
Bipolar Zero Error
INTEGRAL AND DIFFERENTIAL LINEARITY ERROR
vs TEMPERATURE (For Worst-Case Codes.)
Ambient Temperature (°C)
0.020
0.015
0.010
0.005
0.0
–50
–25
0
25
50
75
100
Differential Non-Linearity
Integral Non-Linearity
SIGNAL-TO-(NOISE + DISTORTION)
vs OUTPUT UPDATE RATE
Output Update Rate (kHz)
0.4
4
40
400
80
85
90
f
= 0dB
Output not band-limited.
OUT
TOTAL HARMONIC DISTORTION
vs OUTPUT FREQUENCY
Output Frequency (kHz)
0.2
2
20
200
–50
–60
–70
–80
–90
–100
f
= 0dB
Output not band-limited.
OUT
SIGNAL-TO-(NOISE + DISTORTION) RATIO
vs TEMPERATURE AND AMPLITUDE
Ambient Temperature (°C)
100
90
80
70
60
50
40
30
20
10
0
–50
–25
0
25
50
75
100
f
= 1kHz, 0dB
OUT
f
= 1kHz, –60dB
OUT
f
= 1kHz, –20dB
OUT
DYNAMIC PERFORMANCE vs TEMPERATURE
Ambient Temperature (°C)
80
85
90
95
100
–50
–25
0
25
50
75
100
f
= 1kHz, ±3Vp-p
OUT
–80
–85
–90
–95
–100
Signal-to-(Noise + Distortion)
(SINAD)
Signal-to-Noise Ratio (SNR)
Total Harmonic
Distortion (THD)
Spurious Free
Dynamic Range
(SFDR)
TYPICAL PERFORMANCE CURVES
TA = +25°C; Update Frequency, fS = 400kHz; VA+ = VD+ = +5V; VA– = VD– = 5V; SWL = HIGH;
CASC = LOW; Output Bandwidth Limited to 20kHz; unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Similar Part No. - DSP202KP

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSP25 IXYS-DSP25 Datasheet
36Kb / 2P
   Phase-leg Rectifier Diode
DSP25 IXYS-DSP25 Datasheet
36Kb / 2P
   Phase-leg Rectifier Diode
DSP25-12A IXYS-DSP25-12A Datasheet
36Kb / 2P
   Phase-leg Rectifier Diode
DSP25-12A IXYS-DSP25-12A Datasheet
36Kb / 2P
   Phase-leg Rectifier Diode
DSP25-12A IXYS-DSP25-12A Datasheet
144Kb / 5P
   Standard Rectifier
More results

Similar Description - DSP202KP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DSP101 BURR-BROWN-DSP101 Datasheet
252Kb / 22P
   DSP-Compatible Sampling Single/Dual ANALOG-TO-DIGITAL CONVERTERS
DSP101 BURR-BROWN-DSP101_05 Datasheet
507Kb / 25P
   DSP-Compatible Sampling Single/Dual ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
TC7109 MICROCHIP-TC7109_13 Datasheet
378Kb / 32P
   12-Bit ?쵡-Compatible Analog-to-Digital Converters
11/29/12
logo
TelCom Semiconductor, I...
TC7109 TELCOM-TC7109 Datasheet
274Kb / 21P
   12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
THS1401 TI1-THS1401_15 Datasheet
577Kb / 28P
[Old version datasheet]   14-BIT, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL
logo
Analog Devices
AD9114 AD-AD9114_17 Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
logo
Texas Instruments
ADS822 TI1-ADS822_15 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com