Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SG34P5T5G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NL17SG34P5T5G
Description  Single Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG34P5T5G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NL17SG34P5T5G Datasheet HTML 2Page - ON Semiconductor NL17SG34P5T5G Datasheet HTML 3Page - ON Semiconductor NL17SG34P5T5G Datasheet HTML 4Page - ON Semiconductor NL17SG34P5T5G Datasheet HTML 5Page - ON Semiconductor NL17SG34P5T5G Datasheet HTML 6Page - ON Semiconductor NL17SG34P5T5G Datasheet HTML 7Page - ON Semiconductor NL17SG34P5T5G Datasheet HTML 8Page - ON Semiconductor NL17SG34P5T5G Datasheet HTML 9Page - ON Semiconductor NL17SG34P5T5G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NL17SG34
http://onsemi.com
9
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419A−01 OBSOLETE. NEW STANDARD
419A−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
---
0.10
---
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087
B
0.2 (0.008) MM
12
3
4
5
A
G
S
D 5 PL
H
C
N
J
K
−B−
SC−88A (SC−70−5 / SOT−353)
CASE 419A−02
ISSUE L
mm
inches
SCALE 20:1
0.65
0.025
0.65
0.025
0.50
0.0197
0.40
0.0157
1.9
0.0748
SOLDER FOOTPRINT*
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - NL17SG34P5T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG34P5T5G ONSEMI-NL17SG34P5T5G Datasheet
107Kb / 6P
   Single Buffer
August, 2012 ??Rev. 1
More results

Similar Description - NL17SG34P5T5G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G70 STMICROELECTRONICS-74V1G70 Datasheet
48Kb / 7P
   SINGLE BUFFER
October 1999
logo
Nexperia B.V. All right...
74LVC1G34-Q100 NEXPERIA-74LVC1G34-Q100 Datasheet
780Kb / 13P
   Single buffer
logo
ON Semiconductor
NL17SV16 ONSEMI-NL17SV16_V01 Datasheet
337Kb / 14P
   Single Buffer
February, 2021 - Rev. 7
logo
STMicroelectronics
74V1G70 STMICROELECTRONICS-74V1G70_04 Datasheet
108Kb / 9P
   SINGLE BUFFER
logo
ON Semiconductor
NL17SG34 ONSEMI-NL17SG34 Datasheet
107Kb / 6P
   Single Buffer
August, 2012 ??Rev. 1
logo
STMicroelectronics
74V1T70 STMICROELECTRONICS-74V1T70 Datasheet
47Kb / 7P
   SINGLE BUFFER
logo
NXP Semiconductors
74LVC1G34 NXP-74LVC1G34 Datasheet
82Kb / 15P
   Single buffer
Rev. 02-21 May 2007
logo
Nexperia B.V. All right...
74LVC1G16 NEXPERIA-74LVC1G16 Datasheet
753Kb / 14P
   Single buffer
74LVC1G16-Q100 NEXPERIA-74LVC1G16-Q100 Datasheet
198Kb / 11P
   Single buffer
Rev. 2 - 17 January 2022
logo
ON Semiconductor
NL17SH34 ONSEMI-NL17SH34 Datasheet
96Kb / 5P
   Single Buffer
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com