Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP202 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DSP202
Description  DSP-Compatible Single/Dual DIGITAL-TO-ANALOG CONVERTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DSP202 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button DSP202 Datasheet HTML 6Page - Burr-Brown (TI) DSP202 Datasheet HTML 7Page - Burr-Brown (TI) DSP202 Datasheet HTML 8Page - Burr-Brown (TI) DSP202 Datasheet HTML 9Page - Burr-Brown (TI) DSP202 Datasheet HTML 10Page - Burr-Brown (TI) DSP202 Datasheet HTML 11Page - Burr-Brown (TI) DSP202 Datasheet HTML 12Page - Burr-Brown (TI) DSP202 Datasheet HTML 13Page - Burr-Brown (TI) DSP202 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
®
DSP201/202
10
critical internal grounds, and care should be taken especially
at these points to make them as close as possible to the same
potential as the system analog ground. The design of the
DSP201 and DSP202 insures that these pins will have
minimal current flowing through them.
Internally, power currents are directed to the digital grounds
(pins 18, 19, and 27) for internal digital currents, which are
primarily switching currents, and to the analog grounds (pin
28, plus pin 4 on the DSP201) for analog currents, which are
primarily from the internal current switches and the output
amplifier. Pin 16 on the DSP201 is used internally as a logic
level, and injects essentially no current into the ground.
Wherever possible, it is strongly recommended that separate
analog and digital ground planes be used. With an LSB level
of 92
µV in 16-bit modes, and one quarter of that in 18-bit
modes, the currents switched in a typical DSP system
(processor, memory, etc.) can easily corrupt the output
accuracy of the D/A’s unless great care is taken to analyze
and design for current flows.
POWER SUPPLY DECOUPLING
All of the supplies should be decoupled to the appropriate
grounds using tantalum capacitors in parallel with ceramic
capacitors, as shown in Figures 2 and 3. For optimum
performance of any high resolution D/A, all of the supplies
need to be as clean as possible. If separate digital and analog
supplies are available in a system, care should be taken to
insure that the difference between the analog and the digital
supplies is not more than 0.5V for more than a few hundred
milliseconds, as may occur at power-on.
Separate –5V analog and digital supplies are not needed.
These pins are kept separate internally to minimize cou-
pling. Drive pin 20 from the –5V analog supply, and make
sure that the decoupling shown in Figure 2 or 3 are placed
as close as possible to the D/As.
CALIBRATION AND ADJUSTMENT
OPTIONAL EXTERNAL OFFSET AND MSB TRIMS
All of the specifications for the DSP201 and DSP202, plus
the typical performance curves, are based on the perfor-
mance of these D/As without external trims. In most appli-
cations, external trims are not required.
If external trims are not used, pins 23, 24, and 25 on the
DSP201 should be left open, as should pins 2, 3, 23, 24 and
25 on the DSP202. These pins should not be decoupled with
capacitors or tied to any specific potential, or the noise on
the D/A outputs may increase.
ADJUSTING OFFSET
Where required by specific applications, offsets can be
trimmed using the circuits in Figure 2 (DSP201) or Figure 3
(DSP202.) As with all standard D/As, offset on the DSP201
and DSP202 means the difference of the output from the
ideal negative full scale value. The DSP201 and DSP202 use
a current switching D/A architecture, and the current from
this is internally amplified to produce a
±3V output range.
Negative full scale output thus results from having all of the
internal current switches turned off. Offset on the DSP201
and DSP202 should not be confused with the delta from 0V
with an input code of 0000...0000 (0000 hex for 16-bit
Modes, 00000 hex for 18-bit Modes). This is often described
as bipolar zero error, and includes the effects of both offset
and gain error.
To trim the offsets, first latch the D/As with 1000...0000
(8000 hex or 20000 hex). Then adjust the offset adjustment
pots to produce an output of –3.000000V.
ADJUSTING THE MSB WEIGHT
The MSB adjustment circuitry shown in Figure 2 for the
DSP201 and in Figure 4 for the DSP202 basically change the
weight of the MSB by adding to or subtracting from the
current controlled by the internal MSB switch.
Depending on the application, the MSB adjustments can be
made in one of three different ways to optimize the system
performance using the DSP201 or DSP202. For dynamic
performance, the MSB can be adjusted to minimize distor-
tion of either a full-scale or low level sine-wave output. For
applications stressing differential linearity, the 0000...0000
(0000 hex or 00000 hex) to 1000...0000 (FFFF hex or 3FFFF
hex) transition can be trimmed to change the output of the
D/As precisely 1 LSB (92
µV in the 16-bit Mode or 23µV
in the 18-bit Mode.)
To adjust for minimum distortion of full-scale sinewaves,
strobe the inputs to the DSP201 or DSP202 with codes
representing ideal full scale sine waves, then trim the MSB
adjustment circuit to minimize distortion, as measured by
either a distortion analyzer or by digitizing the output with
an appropriate A/D and running FFT analyses.
In many audio applications, it is more appropriate to adjust
for minimum distortion with low level sinewave outputs.
This minimizes zero-crossover error, which can be a con-
cern in high-end audio systems. To do this, strobe the inputs
to the DSP201 or DSP202 with codes representing ideal
low-level sine waves (–60dB from full scale works well),
and then trim the MSB adjustment circuit to minimize
distortion, again using a distortion analyzer or FFT analyses
to check the results of the trims.
The MSB adjustment circuits can also be used to trim the
D/A outputs directly for the transition from 0000...0000 (0000
hex or 00000 hex) to 1111...1111 (FFFF hex or 3FFFF hex),
eliminating differential linearity error at the major carry.
Ideally, this transition of the digital input code should cause
the D/A outputs to change 92
µV in the 16-bit Mode or 23µV
in the 18-bit Mode. A simple way to make this adjustment
is to continually load alternately the codes 1111...1111 (FFFF
hex or 3FFFF hex) and 0000...0000 (0000 hex or 00000 hex)
into the DSP201 or DSP202. An amplifier with sufficient gain
can then drive an oscilloscope input, and the transition output
step can be adjusted.


Similar Part No. - DSP202

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSP25 IXYS-DSP25 Datasheet
36Kb / 2P
   Phase-leg Rectifier Diode
DSP25 IXYS-DSP25 Datasheet
36Kb / 2P
   Phase-leg Rectifier Diode
DSP25-12A IXYS-DSP25-12A Datasheet
36Kb / 2P
   Phase-leg Rectifier Diode
DSP25-12A IXYS-DSP25-12A Datasheet
36Kb / 2P
   Phase-leg Rectifier Diode
DSP25-12A IXYS-DSP25-12A Datasheet
144Kb / 5P
   Standard Rectifier
More results

Similar Description - DSP202

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DSP101 BURR-BROWN-DSP101 Datasheet
252Kb / 22P
   DSP-Compatible Sampling Single/Dual ANALOG-TO-DIGITAL CONVERTERS
DSP101 BURR-BROWN-DSP101_05 Datasheet
507Kb / 25P
   DSP-Compatible Sampling Single/Dual ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
TC7109 MICROCHIP-TC7109_13 Datasheet
378Kb / 32P
   12-Bit ?쵡-Compatible Analog-to-Digital Converters
11/29/12
logo
TelCom Semiconductor, I...
TC7109 TELCOM-TC7109 Datasheet
274Kb / 21P
   12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
THS1401 TI1-THS1401_15 Datasheet
577Kb / 28P
[Old version datasheet]   14-BIT, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL
logo
Analog Devices
AD9114 AD-AD9114_17 Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
logo
Texas Instruments
ADS822 TI1-ADS822_15 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com