Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS17885S-5 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS17885S-5
Description  3V/5V Real-Time Clock
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17885S-5 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS17885S-5 Datasheet HTML 1Page - Dallas Semiconductor DS17885S-5 Datasheet HTML 2Page - Dallas Semiconductor DS17885S-5 Datasheet HTML 3Page - Dallas Semiconductor DS17885S-5 Datasheet HTML 4Page - Dallas Semiconductor DS17885S-5 Datasheet HTML 5Page - Dallas Semiconductor DS17885S-5 Datasheet HTML 6Page - Dallas Semiconductor DS17885S-5 Datasheet HTML 7Page - Dallas Semiconductor DS17885S-5 Datasheet HTML 8Page - Dallas Semiconductor DS17885S-5 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
DS17885/DS17887
2 of 38
ORDERING INFORMATION
PART #
DESCRIPTION
DS17885XX-X RTC Chip
DS17887X-X
RTC Module; 24-pin DIP
PIN DESCRIPTION
X1
- Crystal Input
X2
- Crystal Output
RCLR
- RAM Clear Input
AD0–AD7 - Multiplexed Address/Data Bus
PWR
- Power-On Interrupt Output (Open Drain)
KS
- Kickstart Input
CS
- RTC Chip-Select Input
ALE
- RTC Address Strobe
WR
- RTC Write Data Strobe
RD
- RTC Read Data Strobe
IRQ
- Interrupt Request Output (Open Drain)
SQW
- Square-Wave Output
VCC
- +3V or +5V Main Supply
GND
- Ground
VBAT
- Battery + Supply
VBAUX
- Auxiliary Battery Supply
NC
- No Connect
DESCRIPTION
The DS17885/DS17887 are real-time clocks (RTCs) designed as successors to the industry standard
DS1285, DS1385, DS1485, DS1585, and DS1685 PC real-time clocks. These devices provide the
industry standard DS1285 clock function with either +3V or +5V operation. The DS17885 also
incorporates a number of enhanced features including a silicon serial number, power-on/off control
circuitry, 114 bytes of user NV SRAM plus 8kB of additional NV RAM, and 32.768kHz output for
sustaining power management activities.
3
+3V operating rang
5
+5V operating range
blank commercial temp range
N
industrial
3
+3V operating range
5
+5V operating range
blank commercial temp range
N
industrial temp range
blank 24-pin DIP
E
28- pin TSOP
S
24- pin SO


Similar Part No. - DS17885S-5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS17885S-5 MAXIM-DS17885S-5 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS17885S-5++ MAXIM-DS17885S-5+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
More results

Similar Description - DS17885S-5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
STMicroelectronics
M48T86 STMICROELECTRONICS-M48T86 Datasheet
163Kb / 23P
   5V PC REAL TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com