Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

114-13219 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 114-13219
Description  Stacked Small Form-Factor Pluggable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

114-13219 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  114-13219 Datasheet HTML 1Page - TE Connectivity Ltd 114-13219 Datasheet HTML 2Page - TE Connectivity Ltd 114-13219 Datasheet HTML 3Page - TE Connectivity Ltd 114-13219 Datasheet HTML 4Page - TE Connectivity Ltd 114-13219 Datasheet HTML 5Page - TE Connectivity Ltd 114-13219 Datasheet HTML 6Page - TE Connectivity Ltd 114-13219 Datasheet HTML 7Page - TE Connectivity Ltd 114-13219 Datasheet HTML 8Page - TE Connectivity Ltd 114-13219 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
© 2014 TE Connectivity family of companies
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product, and/or company names may be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1-800-722-1111
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com.
Application Specification
114-13219
22 APR 14
Rev C
NOTE
All numerical values are in metric units [with U.S. customary units in brackets]. Dimensions are in millimeters. Unless
otherwise specified, dimensions have a tolerance of ±0.13 mm and angles have a tolerance of ±2°. Figures and illustrations
are for identification only and are not drawn to scale.
1. INTRODUCTION
This specification covers the requirements for application of Stacked SFP+ Connector and Cage Assemblies to
interconnect SFP+ and SFP fiber optic or copper transceiver modules to printed circuit (pc) boards. The SFP+
Connector and Cage Assembly is a pre-assembled unit available in a 2x1, 2x2, 2x4, 2x5, 2x6, or 2x8
configurations. SFP+ Connector and Cage Assemblies are also available with light pipes.
The cage assembly features compliant pin contacts for mechanical retention to the pc board and to provide
electromagnetic interference (EMI) suppression, thermal vent holes, and panel ground features (panel ground
springs or elastomeric gasket) to provide electrical contact to the bezel. In addition, the cage assembly has a
locking latch and a kick-out spring for each mating module. The locking latch holds the module in place, and
the kick-out spring releases the module for removal. An EMI/Dust Plug (for each port) is used when the module
is not mated to the cage assembly to prevent contaminants from entering the chassis and assist with EMI
containment. The SFP+ Connector and Cage Assembly is designed to be inserted into a bezel after being
seated onto the pc board.
The connector consists of a housing with dual 20-position receptacle ports and compliant pin contacts on
0.8 mm centerline spacing. The housing features alignment posts that provide stability for placement on the pc
board. Each receptacle port has a card entry slot that accepts a 1.0±0.1 mm thick integrated circuit card
housed in the mating module.
When corresponding with personnel, use the terminology provided in this
specification to facilitate inquiries for
information. Basic terms and features of this product are provided in Figure 1.
Figure 1
(cont’d)
Stacked Small Form-Factor Pluggable
(SFP+) Connector and Cage Assembly
2x4 Configuration
2x1 Configuration
Elastomeric
Gasket
Panel Ground
Springs
EMI/Dust Plug


Similar Part No. - 114-13219

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
114-13206 TEC-114-13206 Datasheet
944Kb / 17P
   ELCON* Drawer Series Connectors
114-13225 TEC-114-13225 Datasheet
709Kb / 6P
   Hermaphroditic Blade and Receptacle Connector
114-13245 TEC-114-13245 Datasheet
514Kb / 4P
   Inverted SMT Thru Board Connector
114-13252 TEC-114-13252 Datasheet
709Kb / 6P
   Hermaphroditic Blade and Receptacle Connector
More results

Similar Description - 114-13219

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
   Small Form-Factor Pluggable
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
   Small Form-Factor Pluggable
logo
Molex Electronics Ltd.
1715650003 MOLEX1-1715650003 Datasheet
44Kb / 2P
   zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated
logo
TE Connectivity Ltd
408-10261 TEC-408-10261 Datasheet
115Kb / 4P
   Small Form- Factor Pluggable (SFP) Seating
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
Tyco Electronics
1888617-1 MACOM-1888617-1 Datasheet
430Kb / 5P
   Quad Small Form- factor Pluggable (QSFP) Products
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-15 JDSU-PL-KP2-00-000-15 Datasheet
615Kb / 9P
   Small Form Factor Pluggable Press-Fit Cage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com