Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS32X2245 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDTQS32X2245
Description  HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS32X2245 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDTQS32X2245_11 Datasheet HTML 1Page - Integrated Device Technology IDTQS32X2245_11 Datasheet HTML 2Page - Integrated Device Technology IDTQS32X2245_11 Datasheet HTML 3Page - Integrated Device Technology IDTQS32X2245_11 Datasheet HTML 4Page - Integrated Device Technology IDTQS32X2245_11 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDTQS32X2245
HIGH-SPEEDCMOSQUICKSWITCHDOUBLE-WIDTHBUSSWITCH
PIN CONFIGURATION
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
Z = High-Impedance
FUNCTION TABLE(1)
CAPACITANCE
(TA = +25°C, f = 1.0MHZ, VIN = 0V, VOUT = 0V)
NOTE:
1. This parameter is measured at characterization but not tested.
Pins
Typ.
Max.(1)
Unit
Control Pins
3
5
pF
Quickswitch Channels (Switch OFF)
5
7
pF
Symbol
Description
Max
Unit
VTERM(2) Supply Voltage to Ground
–0.5 to +7
V
VTERM(3) DC Switch Voltage Vs
–0.5 to +7
V
VTERM(3) DC Input Voltage VIN
–0.5 to +7
V
VAC
AC Input Voltage (pulse width
≤ 20ns)
–3
V
IOUT
DC Output Current
120
mA
PMAX
Maximum Power Dissipation (TA = 85°C)
0.92
W
TSTG
Storage Temperature
–65 to +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. Vcc terminals.
3. All terminals except Vcc.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
GND
NC
OE1
Vcc
OE2
VCC
NC
GND
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A11
A10
A12
A13
A15
A14
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B11
B10
B12
B13
B15
B14
QVSOP
TOP VIEW
PIN DESCRIPTION
Pin Names
I/O
Description
OE1, OE2
I
Bus Enable
An
I/O
Bus A
Bn
I/O
Bus B
OE1
OE2
A0 - A7
A8 - A15
Function
H
H
Z
Z
Disconnect
LH
B0 - B7
Z
Connect
HL
Z
B8 - B15
Connect
LL
B0 - B7
B8 - B15
Connect


Similar Part No. - IDTQS32X2245_11

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32X2245Q2 IDT-IDTQS32X2245Q2 Datasheet
52Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
More results

Similar Description - IDTQS32X2245_11

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32X245 IDT-IDTQS32X245_11 Datasheet
216Kb / 5P
   HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32X245 IDT-IDTQS32X245 Datasheet
44Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32X2245 IDT-IDTQS32X2245 Datasheet
52Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32X245 IDT-IDTQS32X245 Datasheet
44Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS32X245 RENESAS-IDTQS32X245 Datasheet
377Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
FEBRUARY 2011
IDTQS32X2245 RENESAS-IDTQS32X2245 Datasheet
389Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
FEBRUARY 2011
logo
Integrated Device Techn...
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
logo
Renesas Technology Corp
QS32245 RENESAS-QS32245 Datasheet
254Kb / 6P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
JUNE 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com