Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1115AY50L Datasheet(PDF) 6 Page - Anachip Corp

Part # AP1115AY50L
Description  0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1115AY50L Datasheet(HTML) 6 Page - Anachip Corp

  AP1115AY50L Datasheet HTML 1Page - Anachip Corp AP1115AY50L Datasheet HTML 2Page - Anachip Corp AP1115AY50L Datasheet HTML 3Page - Anachip Corp AP1115AY50L Datasheet HTML 4Page - Anachip Corp AP1115AY50L Datasheet HTML 5Page - Anachip Corp AP1115AY50L Datasheet HTML 6Page - Anachip Corp AP1115AY50L Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AP1115
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Aug.18, 2004
6/7
Package Information
(1) Package Type: SOT89-3L
D1
e1
e
D
b1
bb
80(2x)
1.7
c
0.4
0.9
50(2x)
Land Pattern Recommendation (Unit: mm)
1.5
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.40
1.50
1.60
0.055
0.059
0.063
b
0.36
0.42
0.48
0.014
0.016
0.018
b1
0.41
0.47
0.53
0.016
0.043
0.051
C
0.35
0.39
0.43
0.014
0.015
0.017
D
4.40
4.50
4.60
0.173
0.177
0.181
D1
1.40
1.60
1.75
0.055
0.062
0.069
e
2.90
3.00
3.10
0.114
0.118
0.122
e1
1.45
1.50
1.55
0.057
0.059
0.061
E
2.35
2.48
2.60
0.093
0.098
0.102
HE
3.94
-
4.25
0.155
-
0.167
L
0.80
-
1.20
0.031
-
0.047


Similar Part No. - AP1115AY50L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1115AY33G DIODES-AP1115AY33G Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115AY33L-13 DIODES-AP1115AY33L-13 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
More results

Similar Description - AP1115AY50L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1115AY33L-13 DIODES-AP1115AY33L-13 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
E-Tech Electronics LTD
GL1116 ETL-GL1116 Datasheet
251Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1115 DIODES-AP1115 Datasheet
212Kb / 7P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115AY33G DIODES-AP1115AY33G Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 DIODES-AP1115_12 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
E-Tech Electronics LTD
G1116 ETL-G1116 Datasheet
253Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1116 GTM-G1116 Datasheet
248Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GM1116 GTM-GM1116 Datasheet
241Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GL1116 GTM-GL1116 Datasheet
244Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1116 GTM-GJ1116 Datasheet
239Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com