Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS32390 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDTQS32390
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS32390 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDTQS32390_11 Datasheet HTML 1Page - Integrated Device Technology IDTQS32390_11 Datasheet HTML 2Page - Integrated Device Technology IDTQS32390_11 Datasheet HTML 3Page - Integrated Device Technology IDTQS32390_11 Datasheet HTML 4Page - Integrated Device Technology IDTQS32390_11 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
IDTQS32390
HIGH-SPEEDCMOSQUICKSWITCH16:8MULTIPLEXER
INDUSTRIALTEMPERATURERANGE
RON
(ohms)
VIN
(Volts)
TYPICAL ON RESISTANCE vs VIN AT VCC = 5V
80
70
60
50
40
30
20
10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH for Control Pins
2
V
VIL
Input LOW Level
Guaranteed Logic LOW for Control Pins
0.8
V
IIN
Input LeakageCurrent (Control Inputs)(2) 0V
≤ VIN ≤ VCC
——
±1
μA
IOZ
Off-State Output Current (Hi-Z)
0V
≤ VOUT ≤ VCC, Switches OFF
±1
μA
RON(3)
Switch ON Resistance
VCC = Min., VIN = 0V, ION = 30mA
15
20
35
Ω
VCC = Min., VIN = 2.4V, ION =15mA
15
19
40
VP
PassVoltage(2)
VIN = VCC = 5V, IOUT = -5
μA
3.7
4
4.2
V
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = –40°C to +85°C, VCC = 5.0V ±5%
NOTES:
1. Typical values are at VCC = 5.0V, TA = 25°C.
2. Pass Voltage is guaranteed but not production tested.
3. ROUT changed on March 8, 2002. See rear page for more information.


Similar Part No. - IDTQS32390_11

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32390 IDT-IDTQS32390 Datasheet
45Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
More results

Similar Description - IDTQS32390_11

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32390 IDT-IDTQS32390 Datasheet
45Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
IDTQS3390 IDT-IDTQS3390_14 Datasheet
82Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
IDTQS3390 IDT-IDTQS3390 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
QS32390QG IDT-QS32390QG Datasheet
221Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16 8 MULTIPLEXER
logo
Renesas Technology Corp
QS32390 RENESAS-QS32390 Datasheet
256Kb / 6P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
JUNE 2019
IDTQS3390 RENESAS-IDTQS3390 Datasheet
250Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
OCTOBER 2014
logo
List of Unclassifed Man...
QS32390 ETC1-QS32390 Datasheet
530Kb / 6P
   High-Speed CMOS QuickSwitch 16:8 Multiplexer
logo
Integrated Device Techn...
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com