Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS3VH126 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDTQS3VH126
Description  QUICKSWITCH PRODUCTS 2.5V / 3.3V QUAD ACTIVE HIGH, HIGH BANDWIDTH SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS3VH126 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDTQS3VH126 Datasheet HTML 1Page - Integrated Device Technology IDTQS3VH126 Datasheet HTML 2Page - Integrated Device Technology IDTQS3VH126 Datasheet HTML 3Page - Integrated Device Technology IDTQS3VH126 Datasheet HTML 4Page - Integrated Device Technology IDTQS3VH126 Datasheet HTML 5Page - Integrated Device Technology IDTQS3VH126 Datasheet HTML 6Page - Integrated Device Technology IDTQS3VH126 Datasheet HTML 7Page - Integrated Device Technology IDTQS3VH126 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
INDUSTRIAL TEMPERATURE RANGE
IDTQS3VH126
2.5V / 3.3V QUAD ACTIVE HIGH, HIGH BANDWIDTH SWITCH
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40°C to +85°C
VCC = 2.5 ± 0.2V (1)
VCC = 3.3 ± 0.3V (1)
Symbol
Parameter
Min. (4)
Max.
Min. (4)
Max.
Unit
tPLH
Data Propagation Delay(2,3)
0.2
0.2
ns
tPHL
A to Y
tPZL
Switch Turn-On Delay
1.5
8
1.5
6.5
ns
tPZH
xOE to xA/xY
tPLZ
Switch Turn-Off Delay
1.5
7
1.5
7
ns
tPHZ
xOE to xA/xY
fxOE
Operating Frequency -Enable(2,5)
10
20
MHz
NOTES:
1. See Test Conditions under TEST CIRCUITS AND WAVEFORMS.
2. This parameter is guaranteed but not production tested.
3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone is of the
order of 0.2ns at CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. Propagation
delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
4. Minimums are guaranteed but not production tested.
5. Maximum toggle frequency for xOE control input (pass voltage > VCC, VIN = 5V, RLOAD
≥ 1MΩ, no CLOAD).


Similar Part No. - IDTQS3VH126

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH126 IDT-IDTQS3VH126 Datasheet
57Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V QUAD ACTIVE HIGH, HIGH BANDWIDTH SWITCH
logo
Renesas Technology Corp
IDTQS3VH126 RENESAS-IDTQS3VH126 Datasheet
435Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V QUAD ACTIVE HIGH, HIGH BANDWIDTH SWITCH
JANUARY 2013
logo
Integrated Device Techn...
IDTQS3VH126Q IDT-IDTQS3VH126Q Datasheet
57Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V QUAD ACTIVE HIGH, HIGH BANDWIDTH SWITCH
IDTQS3VH126QG IDT-IDTQS3VH126QG Datasheet
57Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V QUAD ACTIVE HIGH, HIGH BANDWIDTH SWITCH
IDTQS3VH126S1 IDT-IDTQS3VH126S1 Datasheet
57Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V QUAD ACTIVE HIGH, HIGH BANDWIDTH SWITCH
More results

Similar Description - IDTQS3VH126

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH126 IDT-IDTQS3VH126 Datasheet
57Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V QUAD ACTIVE HIGH, HIGH BANDWIDTH SWITCH
logo
Renesas Technology Corp
IDTQS3VH126 RENESAS-IDTQS3VH126 Datasheet
435Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V QUAD ACTIVE HIGH, HIGH BANDWIDTH SWITCH
JANUARY 2013
logo
Integrated Device Techn...
IDTQS3VH125 IDT-IDTQS3VH125_13 Datasheet
265Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V QUAD ACTIVE LOW, HIGH BANDWIDTH BUS SWITCH
IDTQS3VH125 IDT-IDTQS3VH125 Datasheet
78Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V QUAD ACTIVE LOW, HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH125 RENESAS-IDTQS3VH125 Datasheet
436Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V QUAD ACTIVE LOW, HIGH BANDWIDTH BUS SWITCH
JANUARY 2013
logo
Integrated Device Techn...
IDTQS3VH16245 IDT-IDTQS3VH16245 Datasheet
71Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH2245 IDT-IDTQS3VH2245 Datasheet
65Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH244 IDT-IDTQS3VH244_14 Datasheet
279Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH245 IDT-IDTQS3VH245 Datasheet
69Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
QS3VH245PAG IDT-QS3VH245PAG Datasheet
277Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com