Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS17885-DS17887 Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS17885-DS17887
Description  3V/5V Real-Time Clock
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17885-DS17887 Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS17885-DS17887 Datasheet HTML 20Page - Dallas Semiconductor DS17885-DS17887 Datasheet HTML 21Page - Dallas Semiconductor DS17885-DS17887 Datasheet HTML 22Page - Dallas Semiconductor DS17885-DS17887 Datasheet HTML 23Page - Dallas Semiconductor DS17885-DS17887 Datasheet HTML 24Page - Dallas Semiconductor DS17885-DS17887 Datasheet HTML 25Page - Dallas Semiconductor DS17885-DS17887 Datasheet HTML 26Page - Dallas Semiconductor DS17885-DS17887 Datasheet HTML 27Page - Dallas Semiconductor DS17885-DS17887 Datasheet HTML 28Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
DS17885/DS17887
24 of 38
ABSOLUTE MAXIMUM RATINGS*
Voltage Range on Any Pin Relative to Ground
-0.3V to +7.0V
Storage Temperature Range
-40°C to +85°C
Soldering Temperature Range
+260
°C for 10 seconds (DIP) (Note 13)
See IPC/JEDEC Standard J-STD-020A for
Surface Mount Devices
* This is a stress rating only and functional operation of the device at these or any other conditions
beyond those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time can affect reliability.
OPERATING RANGE
RANGE
TEMP RANGE (°C)
VCC
Commercial
0 to +70
3V
±10% or 5V ±10%
Industrial
-40 to +85
3V
±10% or 5V ±10%
RECOMMENDED DC OPERATING CONDITIONS
Over the operating range
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Power Supply Voltage 5V
Operation
VCC
4.5
5.0
5.5
V
Power Supply Voltage 3V
Operation
VCC
2.7
3.0
3.7
V
Input Logic 1
5V ±10%
3V ±10%
VIH
2.2
2.0
VCC + 0.3
V
Input Logic 0
VIL
-0.3
0.6
V
Battery Voltage
VBAT
2.5
3.7
V
Auxiliary Battery Voltage;
VCC = 5.0V
VBAUX
2.5
5.2
V
Auxiliary Battery Voltage;
VCC = 3.0V
VBAUX
2.5
3.7
V


Similar Part No. - DS17885-DS17887

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS17885-3 MAXIM-DS17885-3 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS17885-3++ MAXIM-DS17885-3+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS17885-5 MAXIM-DS17885-5 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS17885-5++ MAXIM-DS17885-5+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
More results

Similar Description - DS17885-DS17887

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
STMicroelectronics
M48T86 STMICROELECTRONICS-M48T86 Datasheet
163Kb / 23P
   5V PC REAL TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com