Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP131-47W Datasheet(PDF) 5 Page - Anachip Corp

Part # AP131-47W
Description  300mA Low Dropout Linear Regulator with Shutdown
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP131-47W Datasheet(HTML) 5 Page - Anachip Corp

  AP131-47W Datasheet HTML 1Page - Anachip Corp AP131-47W Datasheet HTML 2Page - Anachip Corp AP131-47W Datasheet HTML 3Page - Anachip Corp AP131-47W Datasheet HTML 4Page - Anachip Corp AP131-47W Datasheet HTML 5Page - Anachip Corp AP131-47W Datasheet HTML 6Page - Anachip Corp AP131-47W Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP131
300mA Low Dropout Linear Regulator with Shutdown
Anachip Corp.
www.anachip.com.tw
Rev. 1.2 Oct 28, 2004
5/7
Marking Information
1
3
Year:0~9
Month: A~L
Identification code
(See appendix)
4
XX Y M X
2
5
(Top View)
SOT89-5L
1
3
Year: 0~9
Month: A~L
Identification code
(See appendix)
2
X X
Y M X
5
4
(Top View)
SOT23-5L
Blank: normal
L: Lead Free Package
Blank: normal
L: Lead Free Package
Appendix
Part Number
Part Number
SOT23
SOT89
Identification
code
SOT23
SOT89
Identification
code
AP131-15W
AP131-15Y
DA
AP131-33W
AP131-33Y
DS
AP131-16W
AP131-16Y
DB
AP131-34W
AP131-34Y
DT
AP131-17W
AP131-17Y
DC
AP131-35W
AP131-35Y
DU
AP131-18W
AP131-18Y
DD
AP131-36W
AP131-36Y
DV
AP131-19W
AP131-19Y
DE
AP131-37W
AP131-37Y
DW
AP131-20W
AP131-20Y
DF
AP131-38W
AP131-38Y
DX
AP131-21W
AP131-21Y
DG
AP131-39W
AP131-39Y
DY
AP131-22W
AP131-22Y
DH
AP131-40W
AP131-40Y
DZ
AP131-23W
AP131-23Y
DI
AP131-41W
AP131-41Y
D0
AP131-24W
AP131-24Y
DJ
AP131-42W
AP131-42Y
D1
AP131-25W
AP131-25Y
DK
AP131-43W
AP131-43Y
D2
AP131-26W
AP131-26Y
DL
AP131-44W
AP131-44Y
D3
AP131-27W
AP131-27Y
DM
AP131-45W
AP131-45Y
D4
AP131-28W
AP131-28Y
DN
AP131-46W
AP131-46Y
D5
AP131-29W
AP131-29Y
DO
AP131-47W
AP131-47Y
D6
AP131-30W
AP131-30Y
DP
AP131-48W
AP131-48Y
D7
AP131-31W
AP131-31Y
DQ
AP131-49W
AP131-49Y
D8
AP131-32W
AP131-32Y
DR
AP131-50W
AP131-50Y
D9


Similar Part No. - AP131-47W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP131-15WG-13 DIODES-AP131-15WG-13 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-15WG-7 DIODES-AP131-15WG-7 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-15WL-13 DIODES-AP131-15WL-13 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-15WL-7 DIODES-AP131-15WL-7 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-15YG-13 DIODES-AP131-15YG-13 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
More results

Similar Description - AP131-47W

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731_15 Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com