Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTY87S-P2R1-35 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LTY87S-P2R1-35
Description  Coupling into Light Guides
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTY87S-P2R1-35 Datasheet(HTML) 4 Page - OSRAM GmbH

  LTY87S-P2R1-35 Datasheet HTML 1Page - OSRAM GmbH LTY87S-P2R1-35 Datasheet HTML 2Page - OSRAM GmbH LTY87S-P2R1-35 Datasheet HTML 3Page - OSRAM GmbH LTY87S-P2R1-35 Datasheet HTML 4Page - OSRAM GmbH LTY87S-P2R1-35 Datasheet HTML 5Page - OSRAM GmbH LTY87S-P2R1-35 Datasheet HTML 6Page - OSRAM GmbH LTY87S-P2R1-35 Datasheet HTML 7Page - OSRAM GmbH LTY87S-P2R1-35 Datasheet HTML 8Page - OSRAM GmbH LTY87S-P2R1-35 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2014-10-16
4
Version 1.2
LT Y87S
Characteristics (T
S = 25 °C; IF = 10 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
523
nm
Dominant Wavelength
2) page 19
Dominantwellenlänge 2) Seite 19
(min.)
(typ.)
(max.)
λ
dom
λ
dom
λ
dom
523
528
541
nm
nm
nm
Spectral bandwidth at 50% I
rel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
33
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
120
°
Forward voltage 3) page 19
Durchlassspannung
3) Seite 19
(typ.)
(max.)
V
F
V
F
3.40
3.80
V
V
Reverse current
Sperrstrom
(typ.)
(max.)
I
R
I
R
0.01
10
µA
µA
Temperature coefficient of λ
peak
Temperaturkoeffizient von λ
peak
(-10°C ≤ T ≤ 100°C)
(typ.)
TC
λpeak
0.04
nm/K
Temperature coefficient of λ
dom
Temperaturkoeffizient von λ
dom
(-10°C ≤ T ≤ 100°C)
(typ.)
TC
λdom
0.04
nm/K
Temperature coefficient of V
F
Temperaturkoeffizient von V
F
(-10°C ≤ T ≤ 100°C)
(typ.)
TC
V
-3.60
mV/K
Real thermal resistance junction / ambient
4) page 19 , 5) page 19
Realer Wärmewiderstand Sperrschicht /
Umgebung
4) Seite 19 , 5) Seite 19
(max.)
R
th JA real
530
K/W
Real thermal resistance junction / solder point
5) page 19
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 19
(max.)
R
th JS real
300
K/W


Similar Part No. - LTY87S-P2R1-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTY87S-P2R1-35 OSRAM-LTY87S-P2R1-35 Datasheet
590Kb / 21P
   Micro SIDELED 3010
More results

Similar Description - LTY87S-P2R1-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSGT77K OSRAM-LSGT77K Datasheet
365Kb / 16P
   coupling into light guides
LYT679 OSRAM-LYT679 Datasheet
440Kb / 19P
   Coupling into Light Guides
LYP47K OSRAM-LYP47K_13 Datasheet
519Kb / 20P
   Coupling into light guides
LBA6SG OSRAM-LBA6SG_15 Datasheet
551Kb / 21P
   Coupling into light guides
LGT770 OSRAM-LGT770 Datasheet
428Kb / 19P
   Coupling into Light Guides
LWY8SG OSRAM-LWY8SG_14 Datasheet
556Kb / 22P
   Coupling into Light Guides
LSP476 OSRAM-LSP476 Datasheet
599Kb / 21P
   Coupling into Light Guides
LCBA6SG OSRAM-LCBA6SG Datasheet
492Kb / 23P
   Coupling into light guides
LGP47K OSRAM-LGP47K_15 Datasheet
568Kb / 21P
   Coupling into Light Guides
LGY870 OSRAM-LGY870_14 Datasheet
498Kb / 20P
   Coupling into Light Guides
LOA67K OSRAM-LOA67K Datasheet
471Kb / 19P
   Coupling into light guides
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com