Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTRBRASF-5B5C-0112 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LTRBRASF-5B5C-0112
Description  SMD package with silicone resin
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTRBRASF-5B5C-0112 Datasheet(HTML) 4 Page - OSRAM GmbH

  LTRBRASF-5B5C-0112 Datasheet HTML 1Page - OSRAM GmbH LTRBRASF-5B5C-0112 Datasheet HTML 2Page - OSRAM GmbH LTRBRASF-5B5C-0112 Datasheet HTML 3Page - OSRAM GmbH LTRBRASF-5B5C-0112 Datasheet HTML 4Page - OSRAM GmbH LTRBRASF-5B5C-0112 Datasheet HTML 5Page - OSRAM GmbH LTRBRASF-5B5C-0112 Datasheet HTML 6Page - OSRAM GmbH LTRBRASF-5B5C-0112 Datasheet HTML 7Page - OSRAM GmbH LTRBRASF-5B5C-0112 Datasheet HTML 8Page - OSRAM GmbH LTRBRASF-5B5C-0112 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2015-01-26
4
Version
1.0
1.0
1.0
1.0
LTRB RASF
Kennwerte
Characteristics
(
T
S = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
red
true
green
blue
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
IF = 20 mA
λ
peak
632
525
455
nm
Dominantwellenlänge
3) Seite 23
(typ.)
Dominant wavelength
3) page 23
I
F = 20 mA
λ
dom
621
530
466
nm
Spektrale Bandbreite bei 50 % I
rel max
(typ.)
Spectral bandwidth at 50 % I
rel max
I
F = 20 mA
∆λ
18
33
25
nm
Abstrahlwinkel bei 50 % I
V (Vollwinkel)
(typ.)
Viewing angle at 50 % I
V
2
ϕ
120
120
120
Grad
deg.
Durchlassspannung
5) Seite 23
(min.)
Forward voltage
5) page 23
(typ.)
I
F = 20 mA
(max.)
VF
VF
V
F
1.8
2.1
2.4
2.9
3.2
3.7
2.7
2.9
3.3
V
V
V
Sperrstrom
(max.)
Reverse current
V
R = 5 V (blue / true green); 12 V (red)
IR
10
0.5
0.5
µA
Wärmewiderstand Sperrschicht/Umgebung
7) Seite 23
Thermal resistance junction/ambient
7) page 23
alle Chips betrieben / all chips operating
(max.)
R
th JA real
670*
K/W
Wärmewiderstand Sperrschicht/Lötpad
Thermal resistance Junction/Solder Point
alle Chips betrieben / all chips operating
(max.)
R
th JS real
360*
K/W
*R
th(max) basiert auf statistischen Werten
*R
th(max) is based on statistic values


Similar Part No. - LTRBRASF-5B5C-0112

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTRBRASF-5B5C-0112 OSRAM-LTRBRASF-5B5C-0112 Datasheet
1Mb / 23P
   Multi CHIPLED
More results

Similar Description - LTRBRASF-5B5C-0112

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTRBR8SR-8A7B-0117 OSRAM-LTRBR8SR-8A7B-0117 Datasheet
796Kb / 25P
   SMD package with silicone resin
KRBTQDLP61.3A OSRAM-KRBTQDLP61.3A Datasheet
1Mb / 25P
   SMD package with silicone resin
LTRB-RASR OSRAM-LTRB-RASR Datasheet
1Mb / 23P
   SMD package with silicone resin
LTRBR8SF-8A7B-0117 OSRAM-LTRBR8SF-8A7B-0117 Datasheet
1Mb / 21P
   SMD package with silicone resin
LTRB-R8SR OSRAM-LTRB-R8SR Datasheet
1Mb / 25P
   SMD package with silicone resin
LTRB-R8SF OSRAM-LTRB-R8SF Datasheet
1Mb / 21P
   SMD package with silicone resin
LUWCJSN OSRAM-LUWCJSN Datasheet
302Kb / 23P
   SMD ceramic Package with Silicone resin
logo
SunLED Corporation
XZMOLA143S SUNLED-XZMOLA143S Datasheet
340Kb / 7P
   White SMD package with silicone resin
logo
OSRAM GmbH
LUW-CJSN OSRAM-LUW-CJSN Datasheet
302Kb / 23P
   SMD ceramic Package with Silicone resin
logo
SunLED Corporation
XZMYLA143S SUNLED-XZMYLA143S Datasheet
341Kb / 7P
   White SMD package with silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com