Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTCN5M-GAHB-25-1 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LTCN5M-GAHB-25-1
Description  Camera Flash and Video Light
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTCN5M-GAHB-25-1 Datasheet(HTML) 5 Page - OSRAM GmbH

  LTCN5M-GAHB-25-1 Datasheet HTML 1Page - OSRAM GmbH LTCN5M-GAHB-25-1 Datasheet HTML 2Page - OSRAM GmbH LTCN5M-GAHB-25-1 Datasheet HTML 3Page - OSRAM GmbH LTCN5M-GAHB-25-1 Datasheet HTML 4Page - OSRAM GmbH LTCN5M-GAHB-25-1 Datasheet HTML 5Page - OSRAM GmbH LTCN5M-GAHB-25-1 Datasheet HTML 6Page - OSRAM GmbH LTCN5M-GAHB-25-1 Datasheet HTML 7Page - OSRAM GmbH LTCN5M-GAHB-25-1 Datasheet HTML 8Page - OSRAM GmbH LTCN5M-GAHB-25-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.1
LT CN5M
2012-11-06
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 20
Durchlassspannungsgruppe 3) Seite 20
Dominant Wavelength Groups 2) page 20
Dominant Wellenlängengruppen 2) Seite 20
Group
Luminous Flux
1) page 20
Luminous Flux
1) page 20
Luminous Intensity
5) page 20
Gruppe
Lichtstrom 1)Seite 20
Lichtstrom 1) Seite 20
Lichtstärke 5) Seite 20
(min.) ΦV [lm]
(max.) ΦV [lm]
(typ.) IV [cd]
GA
18
22.4
14.1
GB
22.4
28
17.6
HA
28
35.5
22.2
HB
35.5
45
28.2
Note: The standard shipping format for serial types includes either a lower family group, an upper family group or
a grouping of all individual brightness groups of only a few brightness groups. Individual brightness groups
cannot be ordered.
Anm.: Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere
Familiengruppe oder eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen bestehen. Einzelne
Helligkeitsgruppen sind nicht bestellbar.
Group
Gruppe
(min.) VF [V]
(max.) VF [V]
4
2.90
3.20
5
3.20
3.50
6
3.50
3.80
Group
true green
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
2
513
519
3
519
525
4
525
531
5
531
537
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.


Similar Part No. - LTCN5M-GAHB-25-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTCN5M OSRAM-LTCN5M Datasheet
1Mb / 21P
   SMD ceramic package with silicone resin with lens
More results

Similar Description - LTCN5M-GAHB-25-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CWCBLPM1.W1 OSRAM-CWCBLPM1.W1 Datasheet
865Kb / 23P
   Camera Flash and Video Light
CWCBLPM1.E1 OSRAM-CWCBLPM1.E1 Datasheet
801Kb / 23P
   Camera Flash and Video Light
LYCN5M-FAGB-36-3B5A OSRAM-LYCN5M-FAGB-36-3B5A Datasheet
3Mb / 21P
   Camera Flash and Video Light
CWCBLPM1.S1 OSRAM-CWCBLPM1.S1 Datasheet
1Mb / 24P
   Camera Flash and Video Light
CWVHLPD2.EN OSRAM-CWVHLPD2.EN Datasheet
801Kb / 21P
   Camera Flash and Video Light
logo
Texas Instruments
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310_12 Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
logo
Sanyo Semicon Device
2SK444 SANYO-2SK444 Datasheet
77Kb / 3P
   Video Camera Applications
logo
List of Unclassifed Man...
AN2210S ETC-AN2210S Datasheet
307Kb / 5P
   Video Camera Video Output Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com