Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LTCN5M-GAHB-25-1 Datasheet(PDF) 1 Page - OSRAM GmbH

Part No. LTCN5M-GAHB-25-1
Description  Camera Flash and Video Light
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

LTCN5M-GAHB-25-1 Datasheet(HTML) 1 Page - OSRAM GmbH

 
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2012-11-06
1
2012-11-06
OSLON SX
Datasheet
Version 1.1
LT CN5M
Features:
Besondere Merkmale:
• Package: SMD ceramic package with silicone
resin with lens
• Gehäusetyp: SMD Keramik Gehäuse mit
Silikonverguss und Linse
• Technology: ThinGaN
• Technologie: ThinGaN
• Viewing angle at 50 % IV: 60°
• Abstrahlwinkel bei 50 % IV: 60°
• Color: true green (528 nm)
• Farbe: true green (528 nm)
• Optical efficiency (typ.): 71 lm/W (true green)
• Optischer Wirkungsgrad (typ.): 71 lm/W (true
green)
• ESD - withstand voltage: 2 kV acc. to
JESD22-A114-F
• ESD - Festigkeit: 2 kV nach JESD22-A114-F
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
• Qualifications: The product qualification test plan
is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade
Discrete Semiconductors.
• Qualifikationen: Die Produktqualifikation wurde
entsprechend der Richtlinie AEC-Q101-REV-C,
„Stress Test Qualification for Automotive Grade
Discrete Semiconductors“, getestet.
Applications
Anwendungen
• LCD Backlighting
• LCD Beleuchtung
• Camera Flash and Video Light
• Blitzlicht für Kameras/ Videoleuchte
• Backlighting
• Hinterleuchtung
• Reading Lamps
• Leselampen
• Decorative Lighting
• Dekorative Beleuchtung
• Exterior Automotive Lighting
• Automobilbeleuchtung außen
• Automotive Interior Lighting
• Automobilbeleuchtung innen
• Signal and Symbol Luminary
• Signal- und Symbolleuchten
• Dashboard Backlighting
• Instrumentenbeleuchtung


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn