Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS34XVH2245 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDTQS34XVH2245
Description  2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS34XVH2245 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDTQS34XVH2245 Datasheet HTML 1Page - Integrated Device Technology IDTQS34XVH2245 Datasheet HTML 2Page - Integrated Device Technology IDTQS34XVH2245 Datasheet HTML 3Page - Integrated Device Technology IDTQS34XVH2245 Datasheet HTML 4Page - Integrated Device Technology IDTQS34XVH2245 Datasheet HTML 5Page - Integrated Device Technology IDTQS34XVH2245 Datasheet HTML 6Page - Integrated Device Technology IDTQS34XVH2245 Datasheet HTML 7Page - Integrated Device Technology IDTQS34XVH2245 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
INDUSTRIAL TEMPERATURE RANGE
IDTQS34XVH2245
2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
2012 Integrated Device Technology, Inc.
DSC-5592/14
c
INDUSTRIAL TEMPERATURE RANGE
DESCRIPTION:
The QS34XVH2245 is a high bandwidth, 32-bit bus switch. The
QS34XVH2245 with 25
Ω resistance and 1.35ns propagation delay is
ideal for line matching and low noise environments. The switches can
be turned ON under the control of individual LVTTL-compatible Output
Enable (OEx) signals for bidirectional data flow with no added delay or
ground bounce. In the ON state, the switches can pass signals up to 5V.
In the OFF state, the switches offer very high impedance at the
terminals.
The combination of small propagation delay, high OFF impedance,
and over-voltage tolerance makes the QS34XVH2245 ideal for high
performance communications applications.
The QS34XVH2245 is characterized for operation from -40
°C to
+85
°C.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
APPLICATIONS:
• Hot-swapping
• Low distortion analog switch
• Replaces mechanical relay
• ATM 25/155 switching
FEATURES:
• N channel FET switches with no parasitic diode to VCC
– Isolation under power-off conditions
– No DC path to VCC or GND
– 5V tolerant in OFF and ON state
• 5V tolerant I/Os
• Flat RON characteristics over operating range
• Rail-to-rail switching 0 - 5V
• Bidirectional dataflow with near-zero delay: no added ground
bounce
• Excellent RON matching between channels
•VCC operation: 2.3V to 3.6V
• High bandwidth
• LVTTL-compatible control Inputs
• Undershoot Clamp Diodes on all switch and control Inputs
• Low I/O capacitance, 4pF typical
•25Ω
Ω
Ω
Ω
Ω resistors for low noise and line matching
• Available in 80-pin QVSOP package
IDTQS34XVH2245
QUICKSWITCH® PRODUCTS
2.5V / 3.3V 32-BIT HIGH
BANDWIDTH BUS SWITCH
FUNCTIONAL BLOCK DIAGRAM
B0
OE1
A0
B1
A1
B2
A2
B3
A3
B4
A4
B5
A5
B6
A6
B7
A7
B8
OE2
A8
B9
A9
B10
A10
B11
A11
B12
A12
B13
A13
B14
A14
B15
A15
OE3
A16
A17 A18 A19 A20 A21 A22 A23
OE4
B16 B17 B18 B19 B20 B21 B22 B23
A24 A25 A26 A27 A28 A29 A30 A31
B24 B25 B26 B27 B28 B29 B30 B31
JANUARY 2013


Similar Part No. - IDTQS34XVH2245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS34XVH2245 IDT-IDTQS34XVH2245 Datasheet
74Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS34XVH2245 RENESAS-IDTQS34XVH2245 Datasheet
437Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
JANUARY 2013
logo
Integrated Device Techn...
IDTQS34XVH2245Q3 IDT-IDTQS34XVH2245Q3 Datasheet
74Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - IDTQS34XVH2245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS34XVH245Q3G IDT-IDTQS34XVH245Q3G Datasheet
268Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS34XVH245 IDT-IDTQS34XVH245 Datasheet
77Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
QS34XVH245Q3G IDT-QS34XVH245Q3G Datasheet
268Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS34XVH2245 IDT-IDTQS34XVH2245 Datasheet
74Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS34XVH2245 RENESAS-IDTQS34XVH2245 Datasheet
437Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
JANUARY 2013
IDTQS34XVH245 RENESAS-IDTQS34XVH245 Datasheet
436Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
JANUARY 2013
logo
Integrated Device Techn...
IDTQS32XVH245 IDT-IDTQS32XVH245 Datasheet
83Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211_13 Datasheet
244Kb / 8P
   2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH384 IDT-IDTQS3VH384_08 Datasheet
280Kb / 8P
   2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16244 IDT-IDTQS3VH16244_13 Datasheet
281Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com