Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74CBTLV16211PAG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 74CBTLV16211PAG
Description  LOW-VOLTAGE 24-BIT BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74CBTLV16211PAG Datasheet(HTML) 1 Page - Integrated Device Technology

  74CBTLV16211PAG Datasheet HTML 1Page - Integrated Device Technology 74CBTLV16211PAG Datasheet HTML 2Page - Integrated Device Technology 74CBTLV16211PAG Datasheet HTML 3Page - Integrated Device Technology 74CBTLV16211PAG Datasheet HTML 4Page - Integrated Device Technology 74CBTLV16211PAG Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
INDUSTRIALTEMPERATURERANGE
IDT74CBTLV16211
LOW-VOLTAGE 24-BIT BUS SWITCH
DECEMBER 2014
2014 Integrated Device Technology, Inc.
DSC-5888/8
c
INDUSTRIAL TEMPERATURE RANGE
APPLICATIONS:
• 3.3V High Speed Bus Switching and Bus Isolation
FEATURES:
•5Ω
Ω
Ω
Ω
Ω A/B bi-directional switch
• Isolation Under Power-Off Conditions
• Over-voltage tolerant
• Latch-up performance exceeds 100mA
•VCC = 2.3V - 3.6V, normal range
• ESD >2000V per MIL-STD-883, Method 3015; >200V using
machine model (C = 200pF, R = 0)
• Available in TSSOP package
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
2
56
1A1
1A12
1OE
SW
SW
54
42
55
2OE
SW
SW
41
29
14
15
28
2A1
2A12
1B1
1B12
2B1
2B12
IDT74CBTLV16211
FUNCTIONAL BLOCK DIAGRAM
LOW-VOLTAGE 24-BIT
BUS SWITCH
DESCRIPTION:
The CBTLV16211 operates as a single 24-bit bus switch or as a dual
12-bit bus switch, which provides high speed switching. This device has
very low ON resistance, resulting in under 250ps propagation delay
throughouttheswitch. WhenOutputEnable(OE)islow,thecorresponding
12-bit bus switch is on and port A is connected to Port B. When OE is high,
the switch is off and a high impedance exists between Port A and Port B.
To ensure the high-impedance state during power up or power down,
OE should be tied to VCC through a pullup resistor.
OE
AB
SIMPLIFIED SCHEMATIC, EACH
SWITCH


Similar Part No. - 74CBTLV16211PAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74CBTLV16211PAG RENESAS-74CBTLV16211PAG Datasheet
277Kb / 6P
   LOW-VOLTAGE 24-BIT BUS SWITCH
JUNE 2019
74CBTLV16211PAG8 RENESAS-74CBTLV16211PAG8 Datasheet
277Kb / 6P
   LOW-VOLTAGE 24-BIT BUS SWITCH
JUNE 2019
More results

Similar Description - 74CBTLV16211PAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74CBTLV16211 IDT-IDT74CBTLV16211 Datasheet
66Kb / 5P
   LOW-VOLTAGE 24-BIT BUS SWITCH
logo
Renesas Technology Corp
74CBTLV16211 RENESAS-74CBTLV16211 Datasheet
277Kb / 6P
   LOW-VOLTAGE 24-BIT BUS SWITCH
JUNE 2019
logo
Texas Instruments
SN74CBTLV16211C TI-SN74CBTLV16211C Datasheet
303Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
logo
Renesas Technology Corp
74CBTLV16212 RENESAS-74CBTLV16212 Datasheet
281Kb / 6P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
JUNE 2019
logo
Texas Instruments
SN74CBTLV16211 TI-SN74CBTLV16211 Datasheet
172Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
SN74CBTLV16211 TI1-SN74CBTLV16211_08 Datasheet
361Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV16212 IDT-IDT74CBTLV16212 Datasheet
76Kb / 5P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
IDT74CBTLV16212 IDT-IDT74CBTLV16212_14 Datasheet
105Kb / 5P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
logo
Texas Instruments
SN74CBTLV16212DGGR TI1-SN74CBTLV16212DGGR Datasheet
350Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV16212 TI-SN74CBTLV16212_06 Datasheet
186Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com