Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74CBTLV16210PAG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74CBTLV16210PAG
Description  LOW-VOLTAGE 20-BIT BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74CBTLV16210PAG Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74CBTLV16210PAG Datasheet HTML 1Page - Integrated Device Technology IDT74CBTLV16210PAG Datasheet HTML 2Page - Integrated Device Technology IDT74CBTLV16210PAG Datasheet HTML 3Page - Integrated Device Technology IDT74CBTLV16210PAG Datasheet HTML 4Page - Integrated Device Technology IDT74CBTLV16210PAG Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
INDUSTRIALTEMPERATURERANGE
IDT74CBTLV16210
LOW-VOLTAGE 20-BIT BUS SWITCH
DECEMBER 2014
2014 Integrated Device Technology, Inc.
DSC-5887/9
c
INDUSTRIAL TEMPERATURE RANGE
APPLICATIONS:
• 3.3V High Speed Bus Switching and Bus Isolation
FEATURES:
•5Ω
Ω
Ω
Ω
Ω A/B bi-directional switch
• Isolation Under Power-Off Conditions
• Over-voltage tolerant
• Latch-up performance exceeds 100mA
•VCC = 2.3V - 3.6V, normal range
• ESD >2000V per MIL-STD-883, Method 3015; >200V using
machine model (C = 200pF, R = 0)
• Available in TSSOP package
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
2
48
1A1
1A10
1OE
SW
SW
46
36
47
2OE
SW
SW
35
25
12
13
24
2A1
2A10
1B1
1B10
2B1
2B10
IDT74CBTLV16210
FUNCTIONAL BLOCK DIAGRAM
LOW-VOLTAGE 20-BIT
BUS SWITCH
DESCRIPTION:
The CBTLV16210 operates as a single 20-bit bus switch or as a dual
10-bit bus switch,which provides high-speed switching. This device has
very low ON resistance, resulting in under 250ps propagation delay
through the switch. When Output Enable (OE) is low, the corresponding
10-bit bus switch is on and port A is connected to Port B. When OE is high,
the switch is off and a high impedance exists between Port A and Port B.
To ensure the high-impedance state during power up or power down,
OE should be tied to VCC through a pullup resistor.
OE
AB
SIMPLIFIED SCHEMATIC, EACH
SWITCH


Similar Part No. - IDT74CBTLV16210PAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74CBTLV16210PA IDT-IDT74CBTLV16210PA Datasheet
57Kb / 5P
   LOW-VOLTAGE 20-BIT BUS SWITCH
More results

Similar Description - IDT74CBTLV16210PAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74CBTLV16210 IDT-IDT74CBTLV16210 Datasheet
57Kb / 5P
   LOW-VOLTAGE 20-BIT BUS SWITCH
logo
Renesas Technology Corp
74CBTLV16210 RENESAS-74CBTLV16210 Datasheet
262Kb / 6P
   LOW-VOLTAGE 20-BIT BUS SWITCH
JUNE 2019
logo
Texas Instruments
SN74CBTLV16210 TI-SN74CBTLV16210_09 Datasheet
349Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210_07 Datasheet
314Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210_08 Datasheet
344Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210 Datasheet
171Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV16800 IDT-IDT74CBTLV16800 Datasheet
76Kb / 5P
   LOW-VOLTAGE 20-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Fairchild Semiconductor
FST16210 FAIRCHILD-FST16210_05 Datasheet
118Kb / 4P
   20-Bit Bus Switch
FST16861 FAIRCHILD-FST16861 Datasheet
156Kb / 4P
   20-Bit Bus Switch
FST16862 FAIRCHILD-FST16862 Datasheet
238Kb / 6P
   20-Bit Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com