Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XT0135P Datasheet(PDF) 1 Page - E-SWITCH

Part # XT0135P
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XT0135P Datasheet(HTML) 1 Page - E-SWITCH

  XT0135P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
700DP7B10M1REC3BLK
2:1
5/19/2006
XT0135P
B
CT
1
1
CIRCUIT: DPST
PANEL MOUNTING
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: x.x= 0.4
x.xx= 0.25
3. TERMINAL NUMBERS FOR REFERENCE ONLY
4. PLATING MATERIAL: GOLD
5. RATING: O.4VA MAX. @ 20VAC or DC MAX.
6. ELECTRIC LIFE: 50,000 make-and-break
cycles at full load
7. INSULATED RESISTANCE: 1,000mOHM MIN.
8. DIELECTRIC STRENGTH: 1,000V RMS @ sea level
9. OPERATING TEMPERATURE: -30 C to 85 C
10.
DENOTES CRITICAL PARAMETER
11. 2002/95/EC (ROHS) COMPLIANT
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
ON
1-3, 4-6
1-2, 4-5
( ) = MOMENTARY
1
3
2
4
6
5
11.43
[.450 in]
12.70
[.500 in]
.76
[.030 in]
4.70
[.185 in]
5.40
[.213 in]
10.21
[.402 in]
1.02
[.04 in]
6.35
[.250 in]
7.37
[.29 in]
2.03
[.080 in]
4.83
[.190 in]
5.00
[.197 in]
1/4-40 UNS-2A
RATING
A
16041
NEW PART RELEASE
5/19/06
CT
EPOXY SEAL
4.03
[.159 in]
700DP7B10M1RE
(T721001)
700C3BLK
(T700300)
B
21901
CORRECT PANEL MNT. CUTOUT
7/31/15
MW
.85
[.033 in]
.55
[.022 in]
6.35
[.250 in]
BLACK CAP
B


Similar Part No. - XT0135P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XT0130P E-SWITCH-XT0130P Datasheet
83Kb / 1P
   All Dimension In MM
XT0131P E-SWITCH-XT0131P Datasheet
59Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
XT0132P E-SWITCH-XT0132P Datasheet
121Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
XT0136P E-SWITCH-XT0136P Datasheet
123Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
XT0137P E-SWITCH-XT0137P Datasheet
139Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - XT0135P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com