Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP131-39W Datasheet(PDF) 6 Page - Anachip Corp

Part # AP131-39W
Description  300mA Low Dropout Linear Regulator with Shutdown
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP131-39W Datasheet(HTML) 6 Page - Anachip Corp

  AP131-39W Datasheet HTML 1Page - Anachip Corp AP131-39W Datasheet HTML 2Page - Anachip Corp AP131-39W Datasheet HTML 3Page - Anachip Corp AP131-39W Datasheet HTML 4Page - Anachip Corp AP131-39W Datasheet HTML 5Page - Anachip Corp AP131-39W Datasheet HTML 6Page - Anachip Corp AP131-39W Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AP131
300mA Low Dropout Linear Regulator with Shutdown
Anachip Corp.
www.anachip.com.tw
Rev. 1.2 Oct 28, 2004
6/7
Package Information
(1) Package Type: SOT89-5L
D
C
A
I
H
G
L
1.5
0.55
Land Pattern Recommendation (Unit: mm)
1.7
0.4
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
4.40
4.50
4.60
0.173
0.177
0.181
B
4.05
4.15
4.25
0.159
0.163
0.167
C
1.50
1.60
1.70
0.059
0.063
0.067
D
1.30
1.40
1.50
0.051
0.055
0.059
E
2.40
2.50
2.60
0.094
0.098
0.102
F
0.80
-
-
0.031
-
-
G
3.00 Ref.
0.118 Ref.
H
1.50 Ref.
0.059 Ref.
I
0.40
0.46
0.52
0.016
0.018
0.020
J
1.40
1.50
1.60
0.055
0.059
0.063
K
0.35
0.39
0.43
0.014
0.015
0.017
L
5
o Typ.
5
o Typ.


Similar Part No. - AP131-39W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP131-30W DIODES-AP131-30W Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-30WG-13 DIODES-AP131-30WG-13 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-30WG-7 DIODES-AP131-30WG-7 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-30WL-13 DIODES-AP131-30WL-13 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-30WL-7 DIODES-AP131-30WL-7 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
More results

Similar Description - AP131-39W

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731_15 Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com