Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-35143-BLK Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # ATF-35143-BLK
Description  Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-35143-BLK Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button ATF-35143-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-35143-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-35143-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) ATF-35143-BLK Datasheet HTML 10Page - Agilent(Hewlett-Packard) ATF-35143-BLK Datasheet HTML 11Page - Agilent(Hewlett-Packard) ATF-35143-BLK Datasheet HTML 12Page - Agilent(Hewlett-Packard) ATF-35143-BLK Datasheet HTML 13Page - Agilent(Hewlett-Packard) ATF-35143-BLK Datasheet HTML 14Page - Agilent(Hewlett-Packard) ATF-35143-BLK Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
ATF-35143 Typical Noise Parameters
VDS = 3 V, IDS = 15 mA
Freq.
Fmin
Γ
opt
Rn/50
Ga
GHz
dB
Mag.
Ang.
-
dB
0.5
0.11
0.86
3.5
0.17
21.2
0.9
0.15
0.81
12.1
0.16
19.9
1.0
0.16
0.80
14.3
0.16
19.6
1.5
0.21
0.73
25.1
0.15
18.2
1.8
0.24
0.69
31.6
0.14
17.6
2.0
0.26
0.66
35.9
0.20
17.2
2.5
0.31
0.60
47.2
0.17
16.3
3.0
0.37
0.55
59.4
0.15
15.6
4.0
0.47
0.46
86.0
0.11
14.2
5.0
0.58
0.40
115.4
0.07
12.9
6.0
0.68
0.36
146.8
0.05
11.8
7.0
0.79
0.33
179.8
0.05
10.8
8.0
0.89
0.32
-146.1
0.07
10.0
9.0
1.00
0.32
-111.5
0.13
9.3
10.0
1.10
0.33
-76.8
0.22
8.8
FREQUENCY (GHz)
Figure 23. MSG/MAG and |S21|
2 vs.
Frequency at 3 V, 15 mA.
020
510
15
MSG
MAG
S21
30
25
20
15
10
5
0
-5
Notes:
1. Fmin values at 2 GHz and higher are based on measurements while the Fmins below 2 GHz have been extrapolated. The Fmin values are
based on a set of 16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. From these measure-
ments a true Fmin is calculated. Refer to the noise parameter application section for more information.
2. S and noise parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the
end of the gate lead. The output reference plane is at the end of the drain lead. The parameters include the effect of four plated
through via holes connecting source landing pads on top of the test carrier to the microstrip ground plane on the bottom side of the
carrier. Two 0.020 inch diameter via holes are placed within 0.010 inch from each source lead contact point, one via on each side of
that point.
ATF-35143 Typical Scattering Parameters, V
DS = 3 V, IDS = 15 mA
Freq.
S11
S21
S12
S22
MSG/MAG
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
dB
0.50
0.99
-19.76
17.20
7.24
164.03
-33.15
0.022
76.95
0.60
-14.39
25.17
0.75
0.96
-30.58
17.08
7.14
154.94
-29.90
0.032
69.88
0.58
-20.00
23.47
1.00
0.94
-40.14
16.86
6.97
147.12
-27.54
0.042
64.59
0.57
-26.48
22.20
1.50
0.90
-58.04
16.35
6.57
132.22
-24.58
0.059
54.00
0.54
-39.05
20.47
1.75
0.87
-66.61
16.06
6.35
125.16
-23.48
0.067
49.23
0.52
-45.00
19.78
2.00
0.84
-74.88
15.75
6.13
118.36
-22.62
0.074
44.39
0.50
-50.83
19.19
2.50
0.78
-91.02
15.13
5.71
105.32
-21.41
0.085
35.29
0.47
-61.71
18.27
3.00
0.73
-106.95
14.50
5.31
93.02
-20.45
0.102
27.00
0.44
-71.87
17.47
4.00
0.63
-138.86
13.24
4.59
70.17
-19.41
0.107
11.47
0.37
-89.81
16.32
5.00
0.58
-169.42
12.05
4.00
49.09
-18.79
0.115
-2.18
0.31
-107.23
15.42
6.00
0.56
162.05
10.97
3.53
29.39
-18.34
0.121
-15.36
0.24
-125.21
14.66
7.00
0.55
133.54
9.93
3.14
10.23
-18.06
0.125
-27.97
0.19
-145.42
14.00
8.00
0.56
107.88
8.96
2.81
-8.11
-17.92
0.127
-38.89
0.14
-168.81
12.23
9.00
0.60
84.56
7.95
2.50
-26.04
-17.86
0.128
-50.41
0.11
158.79
10.87
10.00
0.64
64.57
7.06
2.26
-43.28
-17.72
0.130
-60.57
0.09
118.59
10.16
11.00
0.68
45.84
6.16
2.03
-61.06
-17.59
0.132
-71.45
0.12
75.36
9.55
12.00
0.71
27.11
5.19
1.82
-78.75
-17.59
0.132
-83.32
0.18
46.94
8.80
13.00
0.74
8.18
4.09
1.60
-95.88
-17.79
0.129
-94.36
0.25
27.91
7.86
14.00
0.77
-5.58
2.98
1.41
-111.57
-18.06
0.125
-103.78
0.31
7.94
7.09
15.00
0.82
-16.18
1.96
1.25
-127.09
-18.27
0.122
-113.43
0.37
-8.87
7.04
16.00
0.82
-28.41
0.88
1.11
-143.31
-18.42
0.120
-123.35
0.44
-23.42
6.09
17.00
0.85
-40.49
-0.15
0.98
-157.87
-18.49
0.119
-134.06
0.50
-32.96
5.87
18.00
0.86
-56.20
-1.25
0.87
-173.65
-18.86
0.114
-144.46
0.56
-44.64
5.41


Similar Part No. - ATF-35143-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-35143-BLK HP-ATF-35143-BLK Datasheet
195Kb / 19P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-35143-BLKG AVAGO-ATF-35143-BLKG Datasheet
521Kb / 18P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package Low Noise Figure
More results

Similar Description - ATF-35143-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143 AVAGO-ATF-33143_15 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF34143 HP-ATF34143 Datasheet
154Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-34143-TR1G AVAGO-ATF-34143-TR1G Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
ATF-34143 BOARDCOM-ATF-34143 Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-34143 AVAGO-ATF-34143_15 Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
ATF-35143 BOARDCOM-ATF-35143 Datasheet
521Kb / 18P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-33143 BOARDCOM-ATF-33143 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143-BLKG AVAGO-ATF-33143-BLKG Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com