Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-35143-BLK Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # ATF-35143-BLK
Description  Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-35143-BLK Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  ATF-35143-BLK Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF-35143-BLK Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF-35143-BLK Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF-35143-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF-35143-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF-35143-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF-35143-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-35143-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-35143-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
ATF-35143 Typical Performance Curves, continued
Notes:
1. Measurements made on a fixed tuned test fixture that was tuned for noise figure at 2 V 15mA bias. This circuit represents a trade-off
between optimal noise match, maximum gain match and a realizable match based on production test requirements. Circuit losses have
been de-embedded from actual measurements.
2. P1dB measurements are performed with passive biasing. Quiescent drain current, IDSQ, is set with zero RF drive applied. As P1dB is
approached, the drain current may increase or decrease depending on frequency and dc bias point. At lower values of Idsq the device is
running closer to class B as power output approaches P1dB. This results in higher P1dB and higher PAE (power added efficiency) when
compared to a device that is driven by a constant current source as is typically done with active biasing. As an example, at a VDS = 4 V
and IDSQ = 5 mA, Id increases to 30 mA as a P1dB of +15 dBm is approached.
FREQUENCY (GHz)
Figure 12. Fmin vs. Frequency and
Current at 2 V.
010
1.50
1.25
1.00
0.75
0.50
0.25
0
4
28
6
5 mA
15 mA
30 mA
FREQUENCY (GHz)
Figure 13. Associated Gain vs.
Frequency and Current at 2 V.
010
25
20
15
10
5
4
28
6
5 mA
15 mA
30 mA
FREQUENCY (GHz)
Figure 14. Fmin and Ga vs. Frequency
and Temperature, VDS= 2 V, IDS= 15 mA.
08
24
6
25
°C
-40
°C
85
°C
22
20
18
16
14
12
IDS (mA)
Figure 16. OIP3, P1dB, NF and Gain vs.
Bias[1] (Active Bias, 2 V, 3.9 GHz).
080
20
40
60
P1dB
OIP3
Gain
NF
25
20
15
10
5
0
2.5
2
1.5
1
0.5
0
1.0
0.8
0.6
0.4
0.2
0
IDS (mA)
Figure 17. OIP3, P1dB, NF and Gain vs.
Bias[1] (Active Bias, 2 V, 5.8 GHz).
080
20
40
60
P1dB
OIP3
Gain
NF
25
20
15
10
5
0
-5
3
2.5
2
1.5
1
0.5
0
FREQUENCY (GHz)
Figure 15. OIP3 and P1dB vs. Frequency
and Temperature[1,2], VDS= 2 V, IDS= 15 mA.
08
24
6
25
°C
-40
°C
85
°C
25
20
15
10
5


Similar Part No. - ATF-35143-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-35143-BLK HP-ATF-35143-BLK Datasheet
195Kb / 19P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-35143-BLKG AVAGO-ATF-35143-BLKG Datasheet
521Kb / 18P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package Low Noise Figure
More results

Similar Description - ATF-35143-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143 AVAGO-ATF-33143_15 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF34143 HP-ATF34143 Datasheet
154Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-34143-TR1G AVAGO-ATF-34143-TR1G Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
ATF-34143 BOARDCOM-ATF-34143 Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-34143 AVAGO-ATF-34143_15 Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
ATF-35143 BOARDCOM-ATF-35143 Datasheet
521Kb / 18P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-33143 BOARDCOM-ATF-33143 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143-BLKG AVAGO-ATF-33143-BLKG Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com