Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-5500-D14 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HEDS-5500-D14
Description  Quick Assembly Two and Three Channel Optical Encoders
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-5500-D14 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HEDS-5500-D14 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-5500-D14 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-5500-D14 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-5500-D14 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-5500-D14 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-5500-D14 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-5500-D14 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-5500-D14 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HEDS-5500-D14 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Electrical Characteristics
Electrical Characteristics over Recommended Operating Range.
Part No.
Parameter
Sym.
Min.
Typ.*
Max.
Units
Notes
HEDS-5500
Supply Current
ICC
17
40
mA
HEDS-5600
High Level Output Voltage
VOH
2.4
V
IOH = -40 µA max.
Low Level Output Voltage
VOL
0.4
V
IOL = 3.2 mA
Rise Time
tr
200
ns
CL = 25 pF
Fall Time
tf
50
ns
RL = 11 kΩ pull-up
HEDS-5540
Supply Current
ICC
30
57
85
mA
HEDS-5640
High Level Output Voltage
VOH
2.4
V
IOH = -200 µA max.
HEDM-5500
Low Level Output Voltage
VOL
0.4
V
IOL = 3.86 mA
Rise Time
tr
180
ns
CL = 25 pF
Fall Time
tf
40
ns
RL = 2.7 kΩ pull-up
HEDM-5500
Supply Current
ICC
30
57
85
mA
HEDM-5600
High Level Output Voltage
VOH
2.4
V
IOH = -40 µA max.
Low Level Output Voltage
VOL
0.4
V
IOL = 3.86 mA
Rise Time
tr
180
ns
CL = 25 pF
Fall Time
tf
40
ns
RL = 3.2 kΩ pull-up
*Typical values specified at VCC = 5.0 V and 25°C.
HEDM-5600


Similar Part No. - HEDS-5500-D14

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
More results

Similar Description - HEDS-5500-D14

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
AEDM-5XXX AVAGO-AEDM-5XXX Datasheet
351Kb / 9P
   Quick Assembly High Resolution Three Channel Optical Encoders
HEDR-5XXX AVAGO-HEDR-5XXX Datasheet
313Kb / 6P
   Three Channel Quick Assembly Encoders
HEDC-55XX AVAGO-HEDC-55XX Datasheet
460Kb / 10P
   Two or Three Channel Quick Assembly Encoders With Connector Latch
AEDL-5XXX AVAGO-AEDL-5XXX Datasheet
321Kb / 8P
   Quick Assembly High Resolution Three Channel Optical Encoders with Differential Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com