Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP131-29Y Datasheet(PDF) 2 Page - Anachip Corp

Part # AP131-29Y
Description  300mA Low Dropout Linear Regulator with Shutdown
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP131-29Y Datasheet(HTML) 2 Page - Anachip Corp

  AP131-29Y Datasheet HTML 1Page - Anachip Corp AP131-29Y Datasheet HTML 2Page - Anachip Corp AP131-29Y Datasheet HTML 3Page - Anachip Corp AP131-29Y Datasheet HTML 4Page - Anachip Corp AP131-29Y Datasheet HTML 5Page - Anachip Corp AP131-29Y Datasheet HTML 6Page - Anachip Corp AP131-29Y Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP131
300mA Low Dropout Linear Regulator with Shutdown
Anachip Corp.
www.anachip.com.tw
Rev. 1.2 Oct 28, 2004
2/7
Ordering Information
15: 1.5V
25: 2.5V
50: 5.0V
AP131 XX X X X
Y : SOT89-5L
W: SOT23-5L
Output voltage
Package
Packing
Blank:Tube
A : Taping
Blank : Normal
L : Lead Free Package
Lead Free
Block Diagram
Current
Limit
Thermal
Shutdown
- +
IN
OUT
GND
1.08V
Error
Amp
Bandgap
Enable
BP
EN
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Input voltage
-0.1 to +7
V
TOP
Operating junction temperature range
-40 to +125
ºC
TST
Storage temperature range
-65 to +150
ºC
Power dissipation, PD @TA=25ºC
SOT89-5L
+0.5
W
PD
SOT23-5L
+0.25
W
Package thermal resistance
SOT89-5L
+100
ºC/W
ΘJA
SOT23-5L
+250
ºC/W


Similar Part No. - AP131-29Y

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP131-29W DIODES-AP131-29W Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
AP131-29W DIODES-AP131-29W Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
More results

Similar Description - AP131-29Y

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731_15 Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com