Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9K1208U0M-YCB0 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K9K1208U0M-YCB0
Description  64M x 8 Bit NAND Flash Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K1208U0M-YCB0 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K9K1208U0M-YCB0 Datasheet HTML 3Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 4Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 5Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 6Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 7Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 8Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 9Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 10Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
K9K1208U0M-YCB0, K9K1208U0M-YIB0
FLASH MEMORY
7
VALID BLOCK
NOTE :
1. The
K9K1208U0M may include invalid blocks when first shipped. Additional invalid blocks may develop while being used. The number of valid
blocks is presented with both cases of invalid blocks considered. Invalid blocks are defined as blocks that contain one or more bad bits
. Do not try
to access these invalid blocks for program and erase. Refer to the attached technical notes for a appropriate management of invalid blocks.
2. The 1st block, which is placed on 00h block address, is guaranteed to be a valid block
Parameter
Symbol
Min
Typ.
Max
Unit
Valid Block Number
NVB
4,026
-
4,096
Blocks
Program/Erase Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Program Time
tPROG
-
200
500
µs
Number of Partial Program Cycles
in the Same Page
Main Array
Nop
-
-
2
cycles
Spare Array
-
-
3
cycles
Block Erase Time
tBERS
-
2
3
ms
CAPACITANCE(TA=25
°C, VCC=3.3V, f=1.0MHz)
NOTE : Capacitance is periodically sampled and not 100% tested.
Item
Symbol
Test Condition
Min
Max
Unit
Input/Output Capacitance
CI/O
VIL=0V
-
30
pF
Input Capacitance
CIN
VIN=0V
-
30
pF
AC TEST CONDITION
(K9K1208U0M-YCB0 :TA=0 to 70
°C, K9K1208U0M-YIB0:TA=-40 to 85°C, VCC=2.7V~3.6V unless otherwise)
Parameter
Value
Input Pulse Levels
0.4V to 2.4V
Input Rise and Fall Times
5ns
Input and Output Timing Levels
1.5V
Output Load (3.0V +/-10%)
1 TTL GATE and CL=50pF
Output Load (3.3V +/-10%)
1 TTL GATE and CL=100pF
MODE SELECTION
NOTE : 1. X can be VIL or VIH.
2. WP should be biased to CMOS high or CMOS low for standby.
3. When GND input is high, spare area is deselected.
CLE
ALE
CE
WE
RE
GND
WP
Mode
H
L
L
H
X
X
Read Mode
Command Input
L
H
L
H
X
X
Address Input(4clock)
H
L
L
H
X
H
Write Mode
Command Input
L
H
L
H
X
H
Address Input(4clock)
L
L
L
H
L/H(3)
H
Data Input
L
L
L
H
L/H(3)
X
Sequential Read & Data Output
L
L
L
H
H
L/H(3)
X
During Read(Busy)
X
X
X
X
X
L/H(3)
H
During Program(Busy)
X
X
X
X
X
X
H
During Erase(Busy)
X
X(1)
X
X
X
X
L
Write Protect
X
X
H
X
X
0V/VCC(2) 0V/VCC(2) Stand-by


Similar Part No. - K9K1208U0M-YCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YIB0 SAMSUNG-K9K1208U0A-YIB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YIB0 SAMSUNG-K9K1208U0A-YIB0 Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208U0C SAMSUNG-K9K1208U0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results

Similar Description - K9K1208U0M-YCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
DS_K9K1208U0A SAMSUNG-DS_K9K1208U0A Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com