Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74ALVCH162245 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74ALVCH162245
Description  3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVCH162245 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74ALVCH162245 Datasheet HTML 1Page - Integrated Device Technology IDT74ALVCH162245 Datasheet HTML 2Page - Integrated Device Technology IDT74ALVCH162245 Datasheet HTML 3Page - Integrated Device Technology IDT74ALVCH162245 Datasheet HTML 4Page - Integrated Device Technology IDT74ALVCH162245 Datasheet HTML 5Page - Integrated Device Technology IDT74ALVCH162245 Datasheet HTML 6Page - Integrated Device Technology IDT74ALVCH162245 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74ALVCH162245
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
1
APRIL 1999
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 1999 Integrated Device Technology, Inc.
DSC-4748/1
.EATURES:
• 0.5 MICRON CMOS Technology
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC = 3.3V ± 0.3V, Normal Range
•VCC = 2.7V to 3.6V, Extended Range
•VCC = 2.5V ± 0.2V
• CMOS power levels (0.4
µµµµµ W typ. static)
• Rail-to-Rail output swing for increased noise margin
• Available in SSOP, TSSOP, and TVSOP packages
.UNCTIONAL BLOCK DIAGRAM
IDT74ALVCH162245
3.3V CMOS 16-BIT BUS
TRANSCIEVER WITH
3-STATE OUTPUTS
AND BUS-HOLD
DESCRIPTION:
This 16-bit bus transceiver is built using advanced dual metal CMOS
technology. The ALVCH162245 is designed for asynchronous commu-
nication between data buses. The control-function implementation mini-
mizes external timing requirements.
This device can be used as two 8-bit transceivers or one 16-bit
transceiver. It allows data transmission from the A bus to the B bus or from
the B bus to the A bus, depending on the logic level at the direction-control
(DIR) input. The output-enable (
OE) input can be used to disable the
device so that the buses are effectively isolated.
The ALVCH162245 has series resistors in the device out-put structure
of the “A” port which will significantly reduce line noise when used with light
loads. This driver has been designed to drive ±12mA at the designated
threshold levels. The “B” port has a ±24mA driver.
The ALVCH162245 has “bus-hold” which retains the inputs’ last state
whenever the input bus goes to a high impedance. This prevents floating
inputs and eliminates the need for pull-up/down resistors.
APPLICATIONS:
• 3.3V high speed systems
• 3.3V and lower voltage computing systems
DRIVE .EATURES:
• Balanced Output Drivers: ±12mA (A port)
• High Output Drivers: ±24mA (B port)
1
DIR
1
A 1
1
A2
1
A 3
1
A 4
1
A5
1
A6
1
A 7
1
A 8
1
B 8
1
B 7
1
B 6
1
B 5
1
B 4
1
B 3
1
B 2
1
B 1
1
OE
2
DIR
2
A1
2
A2
2
A 3
2
A 4
2
A5
2
A 6
2
A 7
2
A 8
2
B 8
2
B7
2
B6
2
B 5
2
B 4
2
B 3
2
B 2
2
B1
2
OE
1
47
46
44
43
41
40
38
37
12
11
9
8
6
5
3
2
48
24
36
35
33
32
30
29
27
26
23
22
20
19
17
16
14
13
25


Similar Part No. - IDT74ALVCH162245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVCH162245 IDT-IDT74ALVCH162245 Datasheet
99Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER
logo
Renesas Technology Corp
IDT74ALVCH162245 RENESAS-IDT74ALVCH162245 Datasheet
300Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
logo
Integrated Device Techn...
IDT74ALVCH162245 IDT-IDT74ALVCH162245_16 Datasheet
99Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER
More results

Similar Description - IDT74ALVCH162245

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74ALVCHR162245 RENESAS-IDT74ALVCHR162245 Datasheet
274Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
SEPTEMBER 2016
logo
Integrated Device Techn...
IDT74ALVCHR162245 IDT-IDT74ALVCHR162245 Datasheet
85Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH162245 RENESAS-IDT74ALVCH162245 Datasheet
300Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
logo
Integrated Device Techn...
IDT74ALVCH16245 IDT-IDT74ALVCH16245 Datasheet
90Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH16245 RENESAS-IDT74ALVCH16245 Datasheet
285Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
logo
Integrated Device Techn...
IDT74ALVCH16652 IDT-IDT74ALVCH16652 Datasheet
121Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH32245 RENESAS-IDT74ALVCH32245 Datasheet
287Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
logo
Integrated Device Techn...
IDT74ALVCH32245 IDT-IDT74ALVCH32245 Datasheet
126Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH16952 IDT-IDT74ALVCH16952 Datasheet
85Kb / 6P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH16244 RENESAS-IDT74ALVCH16244 Datasheet
270Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com