Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALVCH162245 Datasheet(PDF) 5 Page - Integrated Device Technology

Part No. 74ALVCH162245
Description  3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

74ALVCH162245 Datasheet(HTML) 5 Page - Integrated Device Technology

  74ALVCH162245 Datasheet HTML 1Page - Integrated Device Technology 74ALVCH162245 Datasheet HTML 2Page - Integrated Device Technology 74ALVCH162245 Datasheet HTML 3Page - Integrated Device Technology 74ALVCH162245 Datasheet HTML 4Page - Integrated Device Technology 74ALVCH162245 Datasheet HTML 5Page - Integrated Device Technology 74ALVCH162245 Datasheet HTML 6Page - Integrated Device Technology 74ALVCH162245 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74ALVCH162245
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
5
SWITCHING CHARACTERISTICS (A PORT)(1)
VCC = 2.5V ± 0.2V
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
1
4.9
4.7
1
4.2
ns
tPHL
xBx to xAx
tPZH
OutputEnableTime
1
6.8
6.7
1
5.6
ns
tPZL
x
OE to xAx
tPHZ
OutputDisableTime
1
6.3
5.7
1
5.5
ns
tPLZ
x
OE to xAx
tSK(o)
Output Skew(2)
——
500
ps
NOTES:
1.
See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2.
Skew between any two outputs of the same package and switching in the same direction.
SWITCHING CHARACTERISTICS (B PORT)(1)
VCC = 2.5V ± 0.2V
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
1
3.7
3.6
1
3
ns
tPHL
xAx to xBx
tPZH
OutputEnableTime
1
5.7
5.4
1
4.4
ns
tPZL
x
OE to xBx
tPHZ
OutputDisableTime
1
5.2
4.6
1
4.1
ns
tPLZ
x
OE to xBx
tSK(o)
Output Skew(2)
——
500
ps
NOTES:
1.
See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2.
Skew between any two outputs of the same package and switching in the same direction.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT74ALVCHR1622453.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH166523.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS 5V TOLERANT I/O BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH16646A3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH16245A3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH162453.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH169523.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH165013.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH162244A3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH1623733.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC162245A3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn