Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALVCH162245 Datasheet(PDF) 4 Page - Integrated Device Technology

Part No. 74ALVCH162245
Description  3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74ALVCH162245 Datasheet(HTML) 4 Page - Integrated Device Technology

  74ALVCH162245 Datasheet HTML 1Page - Integrated Device Technology 74ALVCH162245 Datasheet HTML 2Page - Integrated Device Technology 74ALVCH162245 Datasheet HTML 3Page - Integrated Device Technology 74ALVCH162245 Datasheet HTML 4Page - Integrated Device Technology 74ALVCH162245 Datasheet HTML 5Page - Integrated Device Technology 74ALVCH162245 Datasheet HTML 6Page - Integrated Device Technology 74ALVCH162245 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74ALVCH162245
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
OPERATING CHARACTERISTICS, TA = 25°C
VCC = 2.5V ± 0.2V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Test Conditions
Typical
Typical
Unit
CPD
Power Dissipation Capacitance Outputs enabled
CL = 0pF, f = 10Mhz
23
30
pF
CPD
Power Dissipation Capacitance Outputs disabled
4
5
NOTE:
1.
VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C.
OUTPUT DRIVE CHARACTERISTICS (B PORT)
Symbol
Parameter
Test Conditions(1)
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = 2.3V to 3.6V
IOH = – 0.1mA
VCC – 0.2
V
VCC = 2.3V
IOH = – 6mA
2
VCC = 2.3V
IOH = – 12mA
1.7
VCC = 2.7V
2.2
VCC = 3V
2.4
VCC = 3V
IOH = – 24mA
2
VOL
Output LOW Voltage
VCC = 2.3V to 3.6V
IOL = 0.1mA
0.2
V
VCC = 2.3V
IOL = 6mA
0.4
IOL = 12mA
0.7
VCC = 2.7V
IOL = 12mA
0.4
VCC = 3V
IOL = 24mA
0.55
NOTE:
1.
VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C.
OUTPUT DRIVE CHARACTERISTICS (A PORT)
Symbol
Parameter
Test Conditions(1)
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = 2.3V to 3.6V
IOH = – 0.1mA
VCC – 0.2
V
VCC = 2.3V
IOH = – 4mA
1.9
IOH = – 6mA
1.7
VCC = 2.7V
IOH = – 4mA
2.2
IOH = – 8mA
2
VCC = 3V
IOH = – 6mA
2.4
IOH = – 12mA
2
VOL
Output LOW Voltage
VCC = 2.3V to 3.6V
IOL = 0.1mA
0.2
V
VCC = 2.3V
IOL = 4mA
0.4
IOL = 6mA
0.55
VCC = 2.7V
IOL = 4mA
0.4
IOL = 8mA
0.6
VCC = 3V
IOL = 6mA
0.55
IOL = 12mA
0.8


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IDT74ALVCHR162245 3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1  2  3  4  5  More Integrated Device Technology
IDT74LVCH16652 3.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS 5V TOLERANT I/O BUS-HOLD 1  2  3  4  5  More Integrated Device Technology
IDT74LVCH16646A 3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1  2  3  4  5  More Integrated Device Technology
IDT74LVCH16245A 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1  2  3  4  5  More Integrated Device Technology
IDT74ALVCH16245 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1  2  3  4  5  More Integrated Device Technology
IDT74ALVCH16952 3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1  2  3  4  5  More Integrated Device Technology
IDT74ALVCH16501 3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1  2  3  4  5  More Integrated Device Technology
IDT74LVCH162244A 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1  2  3  4  5  More Integrated Device Technology
IDT74ALVCH162373 3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1  2  3  4  5  More Integrated Device Technology
IDT74LVC162245A 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn