Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALVCH162245 Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. 74ALVCH162245
Description  3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

74ALVCH162245 Datasheet(HTML) 2 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74ALVCH162245
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SSOP/ TSSOP/ TVSOP
TOP VIEW
PIN CON.IGURATION
1
DIR
1
B1
GND
VCC
GND
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
40
41
42
43
44
45
46
47
48
1
1
B2
1
B3
1
B4
1
B5
1
B6
1
B7
1
B8
2
B1
2
B2
GND
2
B3
2
B4
2
B6
2
B5
VCC
GND
2
B8
2
B7
2
DIR
1
OE
1
A1
GND
VCC
GND
1
A2
1
A 3
1
A4
1
A5
1
A6
1
A7
1
A8
2
A 1
2
A 2
GND
2
A 3
2
A 4
2
A 6
2
A 5
VCC
GND
2
A 8
2
A 7
2
OE
NOTE:
1. As applicable to the device type.
Symbol
Parameter
(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
5
7
pF
COUT
Output Capacitance
VOUT = 0V
7
9
pF
CI/O
I/O Port Capacitance
VIN = 0V
7
9
pF
Symbol
Description
Max
Unit
VTERM(2)
Terminal Voltage with Respect to GND
–0.5 to +4.6
V
VTERM(3)
Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
° C
IOUT
DC Output Current
–50 to +50
mA
IIK
Continuous Clamp Current,
±50
mA
VI < 0 or VI > VCC
IOK
Continuous Clamp Current, VO < 0
–50
mA
ICC
Continuous Current through each
±100
mA
ISS
VCC or GND
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminals.
3. All terminals except VCC.
NOTE:
1. These pins have "Bus-Hold". All other pins are standard inputs, outputs, or I/Os.
CAPACITANCE (TA = +25°C, F = 1.0MHz)
Pin Names
Description
x
OE
Output Enable Inputs (Active LOW)
DIR
Direction Control Inputs
xAx(1)
Side A Inputs or 3-State Outputs
xBx(1)
Side B Inputs or 3-State Outputs
PIN DESCRIPTION
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
Inputs
x
OE
xDIR
Outputs
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
.UNCTION TABLE (EACH 8-BIT SECTION)(1)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT74ALVCHR1622453.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH166523.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS 5V TOLERANT I/O BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH16646A3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH16245A3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH162453.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH169523.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH165013.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH162244A3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH1623733.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC162245A3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn