Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NKG131SP-B Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # NKG131SP-B
Description  Numeric Display/Case Size 7.0 x 11.0 mm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

NKG131SP-B Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  NKG131SP-B Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. NKG131SP-B Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. NKG131SP-B Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. NKG131SP-B Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. NKG131SP-B Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. NKG131SP-B Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. NKG131SP-B Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. NKG131SP-B Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. NKG131SP-B Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings
Green
Orange
Red
48
48
40
mW/seg
20
20
20
mA/seg
80
80
80
mA/seg
0.33
0.33
0.33
mA/℃
1.33
1.33
1.33
mA/℃
444
V
-30~+85
-30~+85
-30~+85
-30~+85
-30~+85
-30~+85
※1 IFRM Measurement condition : Duty 1/5, f = 1kHz
Electro-Optical Characteristics
Conditions
Green
Orange
Red
MIN.
1
0.6
1.4
TYP.
2
1.2
2.8
MIN.
-
-
2.8
TYP.
-
-
5.6
TYP.
2.0
2.0
1.7
MAX.
2.4
2.4
2.0
Reverse Current
VR=4V
IR
MAX.
100
100
100
μA/seg
Peak Wavelength
IF=10mA
λ
p
TYP.
565
605
660
nm
Spectral Line Half Width
IF=10mA
⊿λ
TYP.
30
30
30
nm
Unit
IF=10mA
mcd/seg
V/seg
mcd/seg
IF
IFRM
Forward Voltage
VF
Luminous Intensity
( -B Product )
IV
Luminous Intensity
( -C Product )
IF=10mA
IV
IF=10mA
⊿IFRM
VR
Unit
Power Dissipation
Forward Current
Pulse Forward Current
※ 1
Absolute Maximum Ratings
Item
Symbol
Pd
Topr
Tstg
Characteristics
Derating
(Ta=25℃ or higher)
Reverse Voltage
Operating Temperature
Item
Symbol
Storage Temperature
⊿IF
Emitted Color
Case Color
Case Color
Case Color
Case Color
Black
Gray
Black
Gray
NAG131SP-B
NAG133SP-B
NKG131SP-B
NKG133SP-B
GaP
Green
1
NAA131S-B
NAA133S-B
NKA131S-B
NKA133S-B
GaAsP
Orange
1
NAR131S-B
NAR133S-B
NKR131S-B
NKR133S-B
GaAlAs
Red
1
NAR131S-C
-
NKR131S-C
NKR133S-C
GaAlAs
Red
1
Chip/
Segment
Part No.
Material
Emitted Color
Anode Common
Cathode Common
131S/133S Series
Numeric Display/Case Size 7.0 x 11.0 mm
Page 2
(Ta=25℃)
(Ta=25℃)
2012.11.19


Similar Part No. - NKG131SP-B

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
NKG105P STANLEY-NKG105P Datasheet
297Kb / 12P
   Numeric Display/Case Size 22.8 x 33.0 mm
NKG107P STANLEY-NKG107P Datasheet
297Kb / 12P
   Numeric Display/Case Size 22.8 x 33.0 mm
NKG141P STANLEY-NKG141P Datasheet
257Kb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
NKG141SP-B STANLEY-NKG141SP-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 9.6 x 13.0 mm
NKG143P STANLEY-NKG143P Datasheet
257Kb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
More results

Similar Description - NKG131SP-B

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
NAR131SH STANLEY-NAR131SH Datasheet
585Kb / 8P
   Numeric Display/Case Size 7.0 x 11.0 mm
NKR131SB STANLEY-NKR131SB Datasheet
1Mb / 12P
   Numeric Display/Case Size 7.0 x 11.0 mm
NAG161P-B STANLEY-NAG161P-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
NAG141SP-B STANLEY-NAG141SP-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 9.6 x 13.0 mm
NAG105P STANLEY-NAG105P Datasheet
297Kb / 12P
   Numeric Display/Case Size 22.8 x 33.0 mm
NAG261P-B STANLEY-NAG261P-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 25.2 x 19.0 mm
NAG141P STANLEY-NAG141P Datasheet
257Kb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
NAR141SH STANLEY-NAR141SH Datasheet
1Mb / 8P
   Numeric Display/Case Size 9.6 x 13.0 mm
NAR143B STANLEY-NAR143B Datasheet
265Kb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
NARG161 STANLEY-NARG161_12 Datasheet
761Kb / 8P
   Numeric Display/ Bi-Color Type/Case Size 12.5 x 19.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com