Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP131-20W Datasheet(PDF) 4 Page - Anachip Corp

Part # AP131-20W
Description  300mA Low Dropout Linear Regulator with Shutdown
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP131-20W Datasheet(HTML) 4 Page - Anachip Corp

  AP131-20W Datasheet HTML 1Page - Anachip Corp AP131-20W Datasheet HTML 2Page - Anachip Corp AP131-20W Datasheet HTML 3Page - Anachip Corp AP131-20W Datasheet HTML 4Page - Anachip Corp AP131-20W Datasheet HTML 5Page - Anachip Corp AP131-20W Datasheet HTML 6Page - Anachip Corp AP131-20W Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AP131
300mA Low Dropout Linear Regulator with Shutdown
Anachip Corp.
www.anachip.com.tw
Rev. 1.2 Oct 28, 2004
4/7
Typical Characteristics
AP131 PSRR V.S. Frequency
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
10
100
1K
10K
100K
1M
Frequency (Hz)
PSRR V.S. Frequency
AP131 Vout V.S. Load Current
3.02
3.025
3.03
3.035
3.04
3.045
3.05
3.055
3.06
3.065
3.07
3.075
3.08
3.085
3.09
3.095
0
30 60 90 120 150 180 210 240 270 300 330
Load Current (uA)
Vout V.S. Load Current
AP131 GND Current V.S. Input Voltage
0
5
10
15
20
25
30
35
40
45
50
55
00.511.5 22.533.544.5 55.5 6
Input Voltage (V)
GND Current V.S. Input Voltage
AP131 Dropout V.S. Load
0
0.05
0.1
0.15
0.2
0.25
0.3
0
50
100
150
200
250
300
350
Load (Io) (mA)
Dropout V.S. Load


Similar Part No. - AP131-20W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP131-20WG-13 DIODES-AP131-20WG-13 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-20WG-7 DIODES-AP131-20WG-7 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-20WL-13 DIODES-AP131-20WL-13 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-20WL-7 DIODES-AP131-20WL-7 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
More results

Similar Description - AP131-20W

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731_15 Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com