Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAR131SH-F Datasheet(PDF) 11 Page - STANLEY ELECTRIC CO.,LTD.

Part # NAR131SH-F
Description  8mm (0.3inches) size numeric display
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

NAR131SH-F Datasheet(HTML) 11 Page - STANLEY ELECTRIC CO.,LTD.

Back Button NAR131SH-F Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. NAR131SH-F Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. NAR131SH-F Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. NAR131SH-F Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. NAR131SH-F Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. NAR131SH-F Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. NAR131SH-F Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. NAR131SH-F Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. NAR131SH-F Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NAR131SH-F
Lot Number Notational System
Page : 11
2 digits
Cristian era (one digit of end)
① ②
Manufactured month (Jan.~Sep.→1~9,Oct.→X, Nov.→Y, Dec.→Z)
③ -
-
2 digits
Production number (2 degits)
Manufactured day (01~31)
② -
1 digit
① -
1 digit
2014.12.25


Similar Part No. - NAR131SH-F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
NAR131SH STANLEY-NAR131SH Datasheet
585Kb / 8P
   Numeric Display/Case Size 7.0 x 11.0 mm
More results

Similar Description - NAR131SH-F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
NAG131SPH-F STANLEY-NAG131SPH-F Datasheet
324Kb / 14P
   8mm (0.3inches) size numeric display
logo
SunLED Corporation
DMR06A SUNLED-DMR06A Datasheet
184Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUR06A SUNLED-DUR06A Datasheet
185Kb / 4P
   8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
DUY06C-1 SUNLED-DUY06C-1 Datasheet
183Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
logo
Kingbright Corporation
SA32-11SRWA KINGBRIGHT-SA32-11SRWA Datasheet
61Kb / 3P
   8mm (0.32INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DMR06C-1 SUNLED-DMR06C-1 Datasheet
181Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUG06C SUNLED-DUG06C Datasheet
184Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUY06C SUNLED-DUY06C Datasheet
185Kb / 4P
   8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
DUY06A-1 SUNLED-DUY06A-1 Datasheet
181Kb / 4P
   8mm (0.32") SINGLE DIGIT NUMERIC DISPLAY
DUR06C SUNLED-DUR06C Datasheet
185Kb / 4P
   8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com