Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR1112C Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # FR1112C
Description  Single Color High Brightness Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

FR1112C Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  FR1112C Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. FR1112C Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. FR1112C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. FR1112C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. FR1112C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. FR1112C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. FR1112C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. FR1112C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. FR1112C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Color and Luminous Intensity
Page 2
TYP.
IF
MIN.
TYP.
IF
FY1112C
AlGaInP
Yellow
590
20255020
FA1112C
AlGaInP
Orange
605
20255020
FR1112C
AlGaInP
Red
626
20
25
45
20
Milky
White
Iv (mcd)
Lens
Color
Luminous Intensity
Dominant
Wavelength
λd (nm)
Part No.
Material
Emitted
Color
Single Color High Brightness Type
1112C Series
(Ta=25℃)
2007.5.8


Similar Part No. - FR1112C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FR1112C STANLEY-FR1112C Datasheet
281Kb / 16P
   Single Color High Brightness Type
More results

Similar Description - FR1112C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
YPY1104B STANLEY-YPY1104B Datasheet
259Kb / 18P
   Single Color High Brightness Type
FR1113F-TR STANLEY-FR1113F-TR Datasheet
311Kb / 18P
   Single Color High Brightness Type
FY1112H-TR STANLEY-FY1112H-TR Datasheet
368Kb / 20P
   Single Color High Brightness Type
FY1101F-TR STANLEY-FY1101F-TR Datasheet
288Kb / 16P
   Single Color High Brightness Type
FR1105W-RR STANLEY-FR1105W-RR Datasheet
440Kb / 19P
   Single Color High Brightness Type
FR1112H-TR STANLEY-FR1112H-TR Datasheet
372Kb / 20P
   Single Color High Brightness Type
FR1111C-TR STANLEY-FR1111C-TR Datasheet
374Kb / 20P
   Single Color High Brightness Type
FY1101F STANLEY-FY1101F Datasheet
245Kb / 16P
   Single Color High Brightness Type
YBG1105W STANLEY-YBG1105W Datasheet
396Kb / 19P
   Single Color High Brightness Type
FY1112C-TR STANLEY-FY1112C-TR Datasheet
281Kb / 16P
   Single Color High Brightness Type
logo
Stanford Microdevices
FY1105W-RR STANFORD-FY1105W-RR Datasheet
440Kb / 19P
   Single Color High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com