Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PP1199FB-TR Datasheet(PDF) 11 Page - STANLEY ELECTRIC CO.,LTD.

Part # PP1199FB-TR
Description  Visible ray cut resin Photo diode (Photo detector)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

PP1199FB-TR Datasheet(HTML) 11 Page - STANLEY ELECTRIC CO.,LTD.

Back Button PP1199FB-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. PP1199FB-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. PP1199FB-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. PP1199FB-TR Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. PP1199FB-TR Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. PP1199FB-TR Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. PP1199FB-TR Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. PP1199FB-TR Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. PP1199FB-TR Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
PP1199FB-TR
Yes
No
Yes
No
Yes
No
Baking LED under recommended condition
Product Mounting
Unused-product remained
Return to moisture-proof package and seal
Finished
Reopen the moisture-proof package
Flow chart:Package Opening to Mounting
Stored under recommended condition
Moisture-proof package first time opening
Allowable leaving time exceeded (*)
Discoloration of silica gel
Packaging Specification
【Moisture-proof Packaging Specification】
Fastener for re-storage
after opening bag
Customer's opening position
Product Label
(Desiccant with indicator for
moisture level is enclosed.)
A
SYM.
PART NAME
MATELRIAL
REMARKS
Moisture-proof bag
with Aluminum layer
PET+Al+PE
with ESD
protection
【Flow Chart-package Opening to Mounting】
Heat Sealing position (after product being put in)
Allowable leaving time means the
maximum allowable leaving time after
opening package, which depends on
each LED type.
The allowable leaving time should be
calculated form the first opening of
package to the time when soldering
process is finished.
When judging if the allowable leaving
time has exceeded or not, please subtract
the soldering time. The allowable leaving
time after reopening should be calculated
form the first opening of package, or from
the time when baking process is finished.
Page : 11
2014.3.6


Similar Part No. - PP1199FB-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PP1191FB STANLEY-PP1191FB Datasheet
208Kb / 9P
   Surface Mount PIN Photodiode/Side Viewing Type
More results

Similar Description - PP1199FB-TR

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
G310 KODENSHI-G310 Datasheet
151Kb / 3P
   Anti-visible rays due to visible ray cut resin for detector type
PIE310 KODENSHI-PIE310 Datasheet
128Kb / 2P
   Anti-visible rays due to visible ray cut resin for detector type
ST333R4 KODENSHI-ST333R4 Datasheet
146Kb / 3P
   Visible ray cutting resin molding
SD-112 KODENSHI-SD-112 Datasheet
156Kb / 3P
   Visible ray cut of Flat package
ST333R4F1 KODENSHI-ST333R4F1 Datasheet
147Kb / 3P
   Visible ray cutting resin molding
logo
Microsemi Corporation
P3MXP1039 MICROSEMI-P3MXP1039 Datasheet
266Kb / 3P
   Visible Enhanced Photo Detectors
logo
Marktech Corporate
MTRS4720D MARKTECH-MTRS4720D_15 Datasheet
572Kb / 3P
   Visible Light Photo Reflector
MTRS6660 MARKTECH-MTRS6660_15 Datasheet
646Kb / 3P
   Visible Light Photo Reflector
MTRS5900D MARKTECH-MTRS5900D Datasheet
583Kb / 3P
   Visible Light Photo Reflector
MTRS6140D MARKTECH-MTRS6140D Datasheet
587Kb / 3P
   Visible Light Photo Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com