Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URF1D12HB-150WH Datasheet(PDF) 8 Page - MORNSUN Science& Technology Ltd.

Part # URF1D12HB-150WH
Description  Wide input voltage range
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URF1D12HB-150WH Datasheet(HTML) 8 Page - MORNSUN Science& Technology Ltd.

  URF1D12HB-150WH Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URF1D12HB-150WH Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URF1D12HB-150WH Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URF1D12HB-150WH Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URF1D12HB-150WH Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URF1D12HB-150WH Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. URF1D12HB-150WH Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. URF1D12HB-150WH Datasheet HTML 8Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DC/DC Converter
URF1D_HB-150W Series
2016.01.31-A/1
Page 8 of 8
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Dimensions (With heatsink)
Note
1. Packing information please refer to Product Packing Information which can be downloaded from www.mornsun-power.com. Packing
bag number:58200069(without heatsink)、58200061(with heatsink);
2. The max capacitive load should be tested within the input voltage range and under full load conditions;
3. Recommends that customers plus silicone film or thermal grease between the module and the heatsink, In order to ensure good heat
dissipation;
4. Unless otherwise specified, parameters in this datasheet were measured under the conditions of Ta=25℃ , humidity<75% with nominal
input voltage and rated output load;
5. when used in lower than 10% load ,the ripple & noise index of the product is 3%Vo;
6. All index testing methods in this datasheet are based on our Company’s corporate standards;
7. The performance parameters of the product models listed in this manual are as above, but some parameters of non-standard model
products may exceed the requirements mentioned above. Please contact our technicians directly for specific information;
8. We can provide product customization service;
9. Specifications are subject to change without prior notice.
Mornsun Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


Similar Part No. - URF1D12HB-150WH

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URF1D12LD-40WR3 MORNSUN-URF1D12LD-40WR3 Datasheet
2Mb / 8P
   40W, Ultra wide input, isolated & regulated single output DC/DC converter
URF1D12QB-100W MORNSUN-URF1D12QB-100W Datasheet
1Mb / 8P
   100W, wide input voltage, isolated & regulated single output DC-DC converter
URF1D12QB-100WH MORNSUN-URF1D12QB-100WH Datasheet
1Mb / 8P
   100W, wide input voltage, isolated & regulated single output DC-DC converter
URF1D12QB-50W MORNSUN-URF1D12QB-50W Datasheet
1Mb / 8P
   50W, wide input voltage, isolated & regulated single output DC-DC converter
URF1D12QB-50WH MORNSUN-URF1D12QB-50WH Datasheet
1Mb / 8P
   50W, wide input voltage, isolated & regulated single output DC-DC converter
More results

Similar Description - URF1D12HB-150WH

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
   Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
   Wide input voltage range
logo
Analog Devices
ADP5051 AD-ADP5051 Datasheet
2Mb / 28P
   Wide input voltage range
logo
MORNSUN Science& Techno...
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
   Ultra wide input voltage range
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
   Ultra wide input voltage range
PV45-29D1515-15 MORNSUN-PV45-29D1515-15 Datasheet
951Kb / 4P
   Ultra wide input voltage range
URB1D03LMD-15WR3 MORNSUN-URB1D03LMD-15WR3 Datasheet
3Mb / 9P
   Ultra wide input voltage range
logo
Astec America, Inc
AEW ASTEC-AEW Datasheet
1Mb / 46P
   Two wide input voltage range
logo
Bel Fuse Inc.
RCM60 BEL-RCM60 Datasheet
2Mb / 16P
   Ultra-wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com