Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV15-29B15 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # PV15-29B15
Description  Ultra wide input voltage range
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

PV15-29B15 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  PV15-29B15 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. PV15-29B15 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. PV15-29B15 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. PV15-29B15 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. PV15-29B15 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. PV15-29B15 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DC/DC Converter
PVxx-29Bxx Series
2016.10.19-A/3
Page 1 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
New energy 200 - 1500VDC over wide and over high
input voltage isolation converter
FEATURES
Ultra wide input voltage range: 200 - 1500VDC
Industrial grade operating temperature: -40℃ to
+70℃
4000VAC high isolation voltage
High efficiency, Low ripple & noise
Input under-voltage protection, reverse input
voltage protection, Output short circuit,
over-current, over-voltage protection
UL 1741/CSA-C22.2 No.107.1, EN62109 approval
Mounting: PCB mounting, DIN-Rail mounting
available
RoHS
PVxx-29Bxx series -----is 200-1500VDC ultra wide input voltage regulated DC-DC converter, which has advantages such as high efficiency,
high reliability and high safety isolation. The series products are widely used in industries such as photovoltaic power generation and high
voltage frequency conversion, provide a stable operating voltage for the load device, Its multiple protection features can enhance the
safety performance of the module power supply and the load under abnormal working conditions. For harsh EMC environment, this series
of product must use the refered application circuit.
Selection Guide
Certification
Part No.*
Output Power
Nominal Output Voltage and
Current(Vo/Io)
Efficiency
(800VDC, %/Typ.)
Max. Capacitive Load(µF)
(Normal temperature full load)
CSA/CE
PV15-29B05
10W
5V/2000mA
64
6000
PV15-29B12
15W
12V/1250mA
71
2000
PV15-29B15
15V/1000mA
72
1200
PV15-29B24
24V/625mA
74
470
PV40-29B12
40W
12V/3330mA
76
3000
PV40-29B15
15V/2670mA
78
1500
PV40-29B24
24V/1670mA
80
680
Note:*Part No. with suffix of “A8””A10” means DIN-Rail mounting (e.g.PV15-29B05A8/ PV15-29B05A10 means DIN-Rail mounting;
A8 DIN-Rail package products built-in high-voltage fuse and EMC filter module, CSA/CE approval;
A10 DIN-Rail package products have no high-voltage fuse and EMC filter module, meet CSA/CE standards (Pending).
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
200
--
1500
VDC
Input current
200VDC
PV15
--
--
120
mA
PV40
--
--
320
800VDC
PV15
--
--
30
PV40
--
--
80
1500VDC
PV15
--
--
16
PV40
--
--
42
Inrush current
200VDC
--
30
--
A
800VDC
--
80
--
1500VDC
--
150
--
Under-voltage protection
Under voltage protection range: 170 - 185V
Under voltage release range: 180 - 195V
External input fuse
(A8 Special package series include fuse)
15A/1500VDC, necessary
Hot Plug
Unavailable


Similar Part No. - PV15-29B15

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
PV15-29B15 MORNSUN-PV15-29B15 Datasheet
1Mb / 6P
   Ultra wide input voltage range
PV15-29B15L MORNSUN-PV15-29B15L Datasheet
1Mb / 4P
   Ultra wide input voltage range
More results

Similar Description - PV15-29B15

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
   Ultra wide input voltage range
PV45-29D1515-15 MORNSUN-PV45-29D1515-15 Datasheet
951Kb / 4P
   Ultra wide input voltage range
URB1D03LMD-15WR3 MORNSUN-URB1D03LMD-15WR3 Datasheet
3Mb / 9P
   Ultra wide input voltage range
logo
Bel Fuse Inc.
RCM60 BEL-RCM60 Datasheet
2Mb / 16P
   Ultra-wide input voltage range
logo
MORNSUN Science& Techno...
PV15-29B05L MORNSUN-PV15-29B05L Datasheet
1Mb / 4P
   Ultra wide input voltage range
PV40-29B12 MORNSUN-PV40-29B12 Datasheet
1Mb / 6P
   Ultra wide input voltage range
logo
Wall Industries,Inc.
MRW20 WALL-MRW20 Datasheet
626Kb / 9P
   Ultra-Wide Input Range
RGUW3 WALL-RGUW3 Datasheet
362Kb / 6P
   4:1 Ultra Wide Input Voltage Range
RBA30 WALL-RBA30 Datasheet
1Mb / 10P
   Ultra Wide 4:1 Input Voltage Range
CA5S33-25 WALL-CA5S33-25 Datasheet
146Kb / 3P
   Ultra Wide Input Voltage Range, Low Profile
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com