Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH25-20B18MU Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # LH25-20B18MU
Description  Universal Input
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH25-20B18MU Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LH25-20B18MU Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH25-20B18MU Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH25-20B18MU Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH25-20B18MU Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH25-20B18MU Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AC/DC Converter
LH25-20BxxMU Series
2016.09.13-A/0
Page 1 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
25W, AC-DC converter
FEATURES
Universal Input : 85 - 264VAC, 100 - 370VDC, 50/60Hz
Regulated output , Low ripple & noise
Low no-load power consumption < 0.1W
High efficiency up to 89%
Output short circuit, over-current, over-voltage
protection
Meets EN60601-1, ANSI/AAMI ES60601-1,
CAN/CSA-C22.2 No. 60601-1 standards
(2xMOPP)(Pending)
Mounting: PCB mounting, Chassis mounting,
DIN-Rail mounting available
Meets 5000m altitude requirements
RoHS
LH25-20BxxMU series ----- is a compact size power converter offered by Mornsun. It features universal input voltage, taking both DC and AC
Input voltage, low power consumption, high efficiency, high reliability, safer isolation. Meets EN60601-1, ANSI/AAMI ES60601-1,
CAN/CSA-C22.2 No. 60601-1 standards (2xMOPP), and widely used in medical, industrial, instruments, telecommunication and civil
applications. For harsh EMC environment, the application circuit in the datasheet is strongly recommended.
Selection Guide
Certification
Part No.
Output Power
Nominal Output Voltage and
Current(Vo/Io)
Efficiency
(230VAC, %/Typ.)
Max. Capacitive
Load(µF)
CSA/CE
(Pending)
LH25-20B05MU
20.5W
5V/4100mA
82
10000
LH25-20B12MU
25 W
12V/2100mA
88
5000
LH25-20B15MU
15V/1600mA
88
4000
LH25-20B18MU
18V/1400mA
88
3000
LH25-20B24MU
24V/1100mA
89
1000
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
AC input
85
--
264
VAC
DC input
100
--
370
VDC
Input frequency*
47
--
440
Hz
Input current
115VAC
--
--
0.6
A
230VAC
--
--
0.34
Inrush current
115VAC
--
10
--
230VAC
--
25
--
Leakage current
0.1mA RMS typ./264VAC/60Hz
Recommended External Input
Fuse(Special package series include fuse)
3.15A/250V, slow fusing
Hot Plug
Unavailable
*Medical Certification Input frequency range:47-63 Hz
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
Main circuit
--
±2
--
%
Line Regulation
Full load
--
±0.5
--
Load Regulation
--
±1
--
Ripple & Noise*
20MHz bandwidth (peak-peak value)
--
50
150
mV
Temperature Coefficient
--
±0.02
--
%/°C
Short Circuit Protection
Continuous, self-recovery
Over-current Protection
≥110%Io self-recovery


Similar Part No. - LH25-20B18MU

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH25-10B03 MORNSUN-LH25-10B03 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH25-10B03 MORNSUN-LH25-10B03 Datasheet
1Mb / 8P
   20(25)W, AC-DC converter
LH25-10B05 MORNSUN-LH25-10B05 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH25-10B05 MORNSUN-LH25-10B05 Datasheet
1Mb / 8P
   20(25)W, AC-DC converter
LH25-10B05ER2 MORNSUN-LH25-10B05ER2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
More results

Similar Description - LH25-20B18MU

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPT25 EMERSON-NETWORKPOWER-LPT25 Datasheet
102Kb / 3P
   Universal input
LPT40 EMERSON-NETWORKPOWER-LPT40 Datasheet
541Kb / 3P
   Universal input
NLP65 EMERSON-NETWORKPOWER-NLP65 Datasheet
343Kb / 4P
   Universal Input
LPS50 EMERSON-NETWORKPOWER-LPS50 Datasheet
515Kb / 3P
   Universal input
logo
Total Power Internation...
TPS-40LB TOTAL-POWER-TPS-40LB Datasheet
229Kb / 2P
   Universal input
logo
Emerson Network Power
LPS41 EMERSON-NETWORKPOWER-LPS41_09 Datasheet
314Kb / 3P
   Universal input
LPS40 EMERSON-NETWORKPOWER-LPS40 Datasheet
124Kb / 3P
   Universal input
LPT42-M EMERSON-NETWORKPOWER-LPT42-M Datasheet
568Kb / 3P
   Universal input
LPT40-M EMERSON-NETWORKPOWER-LPT40-M Datasheet
541Kb / 3P
   Universal input
LPS60 EMERSON-NETWORKPOWER-LPS60 Datasheet
121Kb / 3P
   Universal input
LPS110 EMERSON-NETWORKPOWER-LPS110 Datasheet
203Kb / 2P
   Universal input
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com