Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LI120-10B12 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part No. LI120-10B12
Description  Wide input voltage range
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MORNSUN [MORNSUN Science& Technology Ltd.]
Homepage  http://www.mornsun-power.com
Logo 

LI120-10B12 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AC/DC Converter
LI120 Series
2016.07.06-A/3
Page 2 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Start-up Time
--
--
1500
ms
Hold-up Time
115VAC
--
25
--
230VAC
--
25
--
Note: * Rely test method is adopted test the ripple and noise, please see
AC-DC Converter Application Notes for specific operation methods.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output
Test time: 1min,Leakage current<5mA
3000
--
--
VAC
Input-
1500
--
--
Output-
500
--
--
Operating Temperature
-25
--
+70
Storage Temperature
-25
--
+85
Storage Humidity
--
--
95
%RH
Switching Frequency
--
100
--
kHz
Power Derating
+55℃ to +70℃
2.5
--
--
%/℃
Safety Standard
EN60950/UL60950
Safety Certification
EN60950/UL60950
Safety Class
CLASS I
MTBF
MIL-HDBK-217F@25°C > 300,000 h
Physical Specifications
Casing Material
heat-resistant plastic (UL94V-0) and metal
Package Dimensions
35.00*125.00*112.70 mm
Weight
LI120-10B12
580g(Typ.)
Others
560g(Typ.)
Cooling method
Free air convection
EMC Specifications
EMI
CE
CISPR22/EN55022 CLASS B
RE
CISPR22/EN55022 CLASS B
EMS
ESD
IEC/EN61000-4-2
Contact ±6KV/Air ±8KV
Perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4
±4KV
perf. Criteria B
Surge
IEC/EN61000-4-5
line to line ±2KV/line to ground ±4KV
perf. Criteria B
CS
IEC/EN61000-4-6
10 Vr.m.s
perf. Criteria A
PFM
IEC/EN61000-4-8
10A/m
perf. Criteria A
Voltage dips, short interruptions
and voltage variations immunity
IEC/EN61000-4-11
0%,70%
perf. Criteria B
Product Characteristic Curve
- 2 5
0
5 5
7 0
1 0 0
6 2 . 5
A m b i e n t Te m p e r a t u r e (
)
Te m p e r a t u r e D e r a ti n g G r a p h
In p u t v o l t a g e : 1 0 0 ~ 2 6 4 VA C
1 2 0 ~ 3 7 0 V D C
1 0 0
8 0
1 0 0
8 5
2 6 4
2 0
4 0
6 0
I n p u t V o lta g e D e r a t in g G r a p h
In p u t Vo l t a g e
A m b i e n t t e m p e ra t u re : 2 5
1 2 0
1 0 0
3 7 0
VA C
V D C
Note: ①Input voltage should be derated based on temperature derating when it is 85~100VAC/100~120VDC;
This product is suitable for use in natural air cooling environments, if in a closed environment, please contact our company’s FAE.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn