Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LI120-10B12 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part No. LI120-10B12
Description  Wide input voltage range
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MORNSUN [MORNSUN Science& Technology Ltd.]
Homepage  http://www.mornsun-power.com
Logo 

LI120-10B12 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AC/DC Converter
LI120 Series
2016.07.06-A/3
Page 1 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
120W, AC-DC converter
RoHS
FEATURES
Wide input voltage range:85~264VAC/100~370VDC
Active PFC
AC and DC dual-use(input from the same terminal)
Low standby power consumption, high efficiency,
high isolation voltage up to 3K VAC
Low ripple & noise
Input under-voltage protection, output short circuit,
over-current, over–voltage, over-temperature
protection
Remote control
UL60950, EN60950 approval
LI120 series ---- 120W converter offered by Mornsun. It features Cost-effective, standard rail mounting, energy efficient. It offers stability and
high noise immunity for industrial control equipment, machinery and other harsh environments of industrial equipment. The converter is
compact size, light weight, compact structure, standard rail (35mm) Installation and save a lot of space for customers.
Selection Guide
Certification
Part No.
Output Power
Nominal Output Voltage
and Current(Vo/Io)
Efficiency
(230VAC, %/Typ.)
Max. Capacitive Load
(µF)
--
LI120-10B12
120W
12V/10A
89
10000
UL/CE
LI120-10B24
120W
24V/5A
92
4700
--
LI120-10B48
120W
48V/2.5A
93
1700
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
AC input
85
--
264
VAC
DC input
100
--
370
VDC
Input frequency
47
--
63
Hz
Input current
115VAC
--
--
1.5
A
230VAC
--
--
0.75
Inrush current
115VAC
--
35
--
230VAC
--
70
--
Power Factor
115VAC
--
0.98
--
--
230VAC
--
0.96
--
Input
under-voltage
protection
Start-up Voltage
AC input, Full load
76
--
83
VAC
Shutdown Voltage
67
--
75
Hot Plug
Unavailable
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
--
--
±1
%
Line Regulation
Full load
--
--
±0.5
Load Regulation
--
--
±1
Output Ripple & Noise*
20MHz bandwidth (peak-peak value)
--
--
100
mV
Temperature Drift Coefficient
--
±0.03
--
%/°C
Stand-by Power Consumption
--
--
0.75
W
Short Circuit Protection
Continuous, self-recovery
Over-current Protection
110-150% Io, start protecting after 3 seconds,
self-recovery
Over-voltage Protection
Continuous automatic restart until the over-voltage
condition is removed
Over-temperature Protection
shut down the output voltage at over-temperature,
self-recovery
Min. Load
0
--
--
%


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn