Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14011UBDR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14011UBDR2G
Description  UB-Suffix Series CMOS Gates
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14011UBDR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC14011UBDR2G Datasheet HTML 1Page - ON Semiconductor MC14011UBDR2G Datasheet HTML 2Page - ON Semiconductor MC14011UBDR2G Datasheet HTML 3Page - ON Semiconductor MC14011UBDR2G Datasheet HTML 4Page - ON Semiconductor MC14011UBDR2G Datasheet HTML 5Page - ON Semiconductor MC14011UBDR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC14001UB, MC14011UB
http://onsemi.com
4
ORDERING INFORMATION
Device
Package
Shipping
MC14001UBDG
SOIC−14
(Pb−Free)
55 Units / Rail
NLV14001UBDG*
SOIC−14
(Pb−Free)
55 Units / Rail
MC14001UBDR2G
SOIC−14
(Pb−Free)
2500 / Tape & Reel
NLV14001UBDR2G*
SOIC−14
(Pb−Free)
2500 / Tape & Reel
MC14011UBDG
SOIC−14
(Pb−Free)
55 Units / Rail
NLV14011UBDG*
SOIC−14
(Pb−Free)
55 Units / Rail
MC14011UBDR2G
SOIC−14
(Pb−Free)
2500 / Tape & Reel
NLV14011UBDR2G*
SOIC−14
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.
Figure 1. Switching Time Test Circuit and Waveforms
VDD
14
VSS
OUTPUT
CL
INPUT
*
7
PULSE
GENERATOR
20 ns
20 ns
INPUT
OUTPUT
INVERTING
tPHL
tPLH
90%
50%
10%
90%
50%
10%
tTHL
tTLH
VDD
0 V
VOH
VOL
*All unused inputs of AND, NAND gates must be
connected to VDD.
All unused inputs of OR, NOR gates must be
connected to VSS.


Similar Part No. - MC14011UBDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14011UBDR2G ONSEMI-MC14011UBDR2G Datasheet
216Kb / 8P
   UB-Suffix Series CMOS Gates
February, 2005 ??Rev. 5
MC14011UBDR2G ONSEMI-MC14011UBDR2G Datasheet
147Kb / 7P
   UB?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14011UBDR2G ONSEMI-MC14011UBDR2G Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
More results

Similar Description - MC14011UBDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14001UB ONSEMI-MC14001UB_09 Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
MC14001UB ONSEMI-MC14001UB Datasheet
216Kb / 8P
   UB-Suffix Series CMOS Gates
February, 2005 ??Rev. 5
MC14001UB ONSEMI-MC14001UB_06 Datasheet
147Kb / 7P
   UB?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14001B ONSEMI-MC14001B Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14011BDG ONSEMI-MC14011BDG Datasheet
164Kb / 12P
   B-Suffix Series CMOS Gates
April, 2013 ??Rev. 10
MC14001B ONSEMI-MC14001B Datasheet
261Kb / 12P
   B-Suffix Series CMOS Gates
February, 2005 ??Rev. 4
MC14001B ONSEMI-MC14001B_14 Datasheet
135Kb / 11P
   B-Suffix Series CMOS Gates
July, 2014 ??Rev. 11
MC14012B ONSEMI-MC14012B Datasheet
177Kb / 8P
   B-Suffix Series CMOS Gates
April, 2000 ??Rev. 3
MC14001BDG ONSEMI-MC14001BDG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
logo
Motorola, Inc
MC14001 MOTOROLA-MC14001 Datasheet
327Kb / 11P
   B-Suffix Series CMOS Gates
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com