Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G0512S-2WR2 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # G0512S-2WR2
Description  SIP package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

G0512S-2WR2 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  G0512S-2WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. G0512S-2WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. G0512S-2WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. G0512S-2WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. G0512S-2WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DC/DC Converter
G_S-2WR2 & H_S-2WR2 Series
2016.03.07-A/0
Page 2 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (no-load/full load)
5V input
--
35/520
80/--
mA
12V input
--
15/217
40/--
24V input
--
10/106
25/--
Surge Voltage (1sec. max.)
5V input
-0.7
--
9
VDC
12V input
-0.7
--
18
24V input
-0.7
--
30
Reflected Ripple Current
--
0.2
--
A
Input Filter
Capacitor filter
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
See tolerance envelope graph (Fig. 1)
Line Regulation
Input voltage change: ±1%
--
--
±1.2
--
Load Regulation
10%-100% load
5VDC output
--
--
20
%
9VDC output
--
--
15
12VDC output
--
--
15
15VDC output
--
--
15
Ripple & Noise*
20MHz bandwidth
--
100
150
mVp-p
Temperature Drift Coefficient
100% full load
--
±0.02
--
%/℃
Output Short Circuit Protection**
--
--
3
s
Note: *Ripple and noise tested with “parallel cable” method, please see DC-DC Converter Application Notes for specific operation methods.
**Supply voltage must be discontinued at the end of short circuit duration which less than 3s.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output, with the test time of 1 minute
4200
--
--
VAC
6000
--
--
VDC
Patient Leakage Current
250VAC,50/60Hz
--
--
2
μ
A
Isolation Resistance
Input-output, isolation voltage 500VDC
1000
--
--
Isolation Capacitance
Input-output, 100KHz/0.1V
--
5
--
pF
Operating Temperature
-40
--
85
Storage Temperature
-55
--
125
Casing Temperature Rise
Ta=25℃
--
25
--
Pin Welding Resistance
Temperature
Welding spot is 1.5mm away from the casing, 10 seconds
--
--
300
Storage Humidity
Non-condensing
--
--
95
%
Switching Frequency
100% load, nominal input voltage
--
100
--
KHz
MTBF
MIL-HDFK-217F@25℃
3500
--
--
K hours
Transformer Creepage
5
--
--
mm
Transformer Clearance
5
--
--
PCB Creepage & Clearance
5.5
--
--
Note:1、Patient leakage current and reinforced insulation is based on a 250 VAC, 50/60 Hz system input voltage.
2、The UL certification (ANSI/AAMI ES60601-1, File No. E347375) of G_S-2WR2 & H_S-2WR2 series is pending, G_S-2WR2 & H_S-2WR2 series meets
1xMOPP/2xMOOP when system input voltage is with 250VAC , 50/60Hz.
Physical Specifications
Casing Material
Black flame-retardant and heat-resistant plastic (UL94 V-0)
Package Dimensions
19.50*9.80*12.50 mm
Weight
4.2g(Typ.)
Cooling Method
Free air convection


Similar Part No. - G0512S-2WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
G0512S-2W MORNSUN-G0512S-2W Datasheet
1Mb / 5P
   DC/DC Converter
logo
Guangzhou Reicu Electro...
G0512S-2W REICU-G0512S-2W Datasheet
437Kb / 1P
   6000VDC Isolated 2W Double Output SIP-Package
REV:3.1
More results

Similar Description - G0512S-2WR2

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
102E-1A DBLECTRO-102E-1A Datasheet
1Mb / 2P
   Micro SIP package
logo
MORNSUN Science& Techno...
B0303YS-W2 MORNSUN-B0303YS-W2 Datasheet
120Kb / 2P
   MINIATURE SIP PACKAGE
logo
DB Lectro Inc
101E-1A DBLECTRO-101E-1A Datasheet
850Kb / 2P
   Micro SIP package
logo
MORNSUN Science& Techno...
QA121 MORNSUN-QA121 Datasheet
1Mb / 4P
   Ultra Compact SIP package
logo
Total Power Internation...
MAW01 TOTAL-POWER-MAW01 Datasheet
379Kb / 4P
   Compact SIP-6 Package
logo
Yamaichi Electronics Co...
IC70-0726-G4 YAMAICHI-IC70-0726-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
logo
RSG Electronic Componen...
WRAS-3WR2 RSG-WRAS-3WR2 Datasheet
665Kb / 7P
   Ultra-Miniature SIP Package
WRBS-3WR2 RSG-WRBS-3WR2 Datasheet
665Kb / 7P
   Ultra-Miniature SIP Package
WRFS-3WR2 RSG-WRFS-3WR2 Datasheet
658Kb / 7P
   Ultra-Miniature SIP Package
logo
Guangzhou Reicu Electro...
K78X2-500 REICU-K78X2-500 Datasheet
281Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com